Electronic Components Datasheet Search
  English  ▼

X  

PC87570 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 22Page - National Semiconductor (TI) PC87570 Datasheet HTML 23Page - National Semiconductor (TI) PC87570 Datasheet HTML 24Page - National Semiconductor (TI) PC87570 Datasheet HTML 25Page - National Semiconductor (TI) PC87570 Datasheet HTML 26Page - National Semiconductor (TI) PC87570 Datasheet HTML 27Page - National Semiconductor (TI) PC87570 Datasheet HTML 28Page - National Semiconductor (TI) PC87570 Datasheet HTML 29Page - National Semiconductor (TI) PC87570 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 168 page
background image
Signal/Pin Connection and Description
26
www.national.com
2.3
RESET SOURCES AND TYPES
2.3.1
Power-Up Reset
The PC87570 includes an internal power-up reset circuit
This circuit generates the power-up reset signal which
During power-up reset, the PC87570 responds as follows:
q
Carries out all the warm reset actions
q
Enables the 32K crystal, if it is disabled
q
Resets the HFCG Register to its default frequency
q
Loads preset values to all register.
q
Puts pins with strap options into TRI-STATE, and en-
ables the internal pull-downs on the strap pins
q
Samples the values of the strap pins.
2.3.2
Warm Reset
During a warm reset, the PC87570 responds as follows:
q
Terminates instructions being executed
q
Discards results not yet written to memory
q
Traps and eliminates pending interrupts
q
Clears the internal latch for the edge-sensitive external
interrupt
q
Deactivates the external bus control signals WR(0-1),
SEL(0-1), SELIO, RD and BST(0-2)
q
Puts the address A(0-15) and data D(0-15) buses in
TRI-STATE
q
Switches to Active mode
q
Loads preset values into registers
q
Sets the motherboard PnP mechanism to its reset
state.
Certain registers, such as the HFCG and Port PC Registers,
are affected only by power-up and/or WATCHDOG reset.
During warm reset, the strap pins are not sampled and the
configuration determined at power-up is unaffected by sub-
sequent warm resets.
2.3.3
WATCHDOG Reset
During a WATCHDOG reset, the PC87570 performs the
power-up reset actions with one exception: it does not sam-
ple the value of the strap pins. Instead, it maintains the con-
figuration determined by the strap pins at power-up reset.
2.3.4
Triggering Reset
The PC87570 is reset by an internal reset signal generated
on the ramp-up of the VCC power supply (cold reset). The
chip is also reset on the rising edge of the HMR pin (warm
reset).
Power-Up Reset The PC87570 performs a power-up reset
when power is applied to it. This reset is completed tIRST af-
ter the internal clock has stabilized. See Figure 19-25 on
page 154.
If the RTC clock was disabled before power-up, external de-
vices should wait at least t32KW (see before accessing the
PC87570. If HRMS=0, any access by the host processor is
stalled, by de-asserting (0) HIOCHRDY, until after the reset
process is completed and the bus request can be per-
formed.
Warm Reset A rising edge of the HMR input initiates a
warm reset. The rising edge is identified only when power
(VCC) is applied to the PC87570 completed the internal
power-up reset cycle. The reset continues for a period of
about 16 clock cycles after the HMR rising edge. See details
at Figure 19-26 on page 154.
The PC87570 can operate when HMR is still active (high).
In this case, the host bus I/F is inactive.
Note: In all PC87570 revisions, before C3, the HMR (for-
merly HMR) input pin is ignored when HPWRON is 0, dis-
abling reset execution.
WATCHDOG Reset
The PC87570 generates a WATCHDOG reset on request
from the TWD (WATCHDOG signal is asserted). The reset
period is identical to the power-up reset period.
2.4
STRAP PINS
During power-up reset, the ENV(0-1), TRIS, HRMS, HDEN
and SHBM strap input signals are sampled. Internal pull-
down resistors set these signals to 0. You can use an exter-
nal 10 K
Ω resistor connected to V
CC to set them to 1.
2.4.1
Setting the Environment
ENV0 and ENV1 determine the operating environment. Ta-
ble 2-3 shows the settings allowed. Pulling both ENV0 and
ENV1 to 1 at the same time produces unpredictable results.
Table 2-3. Environment Pin Settings
Figures 1-1 on page 16, 1-2 on page 17, and 1-3 on page
18 demonstrate how to use the ENV(0-1) signals to config-
ure the PC87570 for IRE, IRD, and Dev environment, re-
spectively.
2.4.2
Other Strap Pin Settings
Table 2-4 provides brief descriptions of other strap inputs.
For details on SHBM, HRMS, HDEN and TRIS, see sec-
tions 5.2 on page 49, 5.11.4 on page 53, 5.11.5 on page 54
and 18.2 on page 130, respectively.
Table 2-4. Other Strap Pin Settings
Environment
ENV0
ENV1
IRE
0
0
IRD
0
1
Dev
1
0
Strap
Pin
Internal Pull-Down (0)
External Pull-Up (1)
SHBM Enables shared memory
with host BIOS
Disables shared
memory with host BIOS
HRMS Extends host access
until the PC87570
completes its execution
Enables a reset event to
be sent to the host
when the shared BIOS
is accessed while the
PC87570 is not in
Active mode, or SHOFF
or SHMEM bit is cleared
in MCFG Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com