Electronic Components Datasheet Search
  English  ▼

X  

PC87570 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 58Page - National Semiconductor (TI) PC87570 Datasheet HTML 59Page - National Semiconductor (TI) PC87570 Datasheet HTML 60Page - National Semiconductor (TI) PC87570 Datasheet HTML 61Page - National Semiconductor (TI) PC87570 Datasheet HTML 62Page - National Semiconductor (TI) PC87570 Datasheet HTML 63Page - National Semiconductor (TI) PC87570 Datasheet HTML 64Page - National Semiconductor (TI) PC87570 Datasheet HTML 65Page - National Semiconductor (TI) PC87570 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 168 page
background image
Host Bus Interface (HBI)
62
http://www.national.com
coding the RTC module address. Data written to this bit is
ignored. On reset, this register is initialized to 70h. It may be
updated if RTCLK in the FLR Register is 0.
The HRTCCS is an internal, chip select signal that identifies
access to the RTC module. (In some cases, the RTC’s leg-
acy address is used instead.) This signal is active (0) when
the accessed address is the address held in RTCCSAH and
RTCCSAL, or the consecutive address (i.e., address line
A0 is ignored in the decoding), if RTCE in the FER Register
is 1.
On reset, the RTC is mapped to its legacy address 0070h
and 0071h. The HDEN strap input defines if, on reset, access
to the RTC is enabled (HDEN=1) or disabled (HDEN=0).
5.14.8
KBC Chip Select Address High Register (KBCCSAH)
The KBCCSAH Register holds the high address bits of the
KBC interface channel (legacy ports 0060h and 0064h).
Bits 0 through 7 of this register hold the host bus address
bits 8 through 15, respectively. On reset, this register is ini-
tialized to 00h. It may be updated if KBCLK in the FLR Reg-
ister is 0.
5.14.9
KBC Chip Select Address Low Register (KBCCSAL)
The KBCCSAL Register holds the low address bits of the
KBC interface channel (legacy ports 0060h and 0064h).
Bits 0 through 7 of this register hold the host bus address
bits 0 through 7, respectively. Bit 2 is a read only bit, and
holds the value 0. This bit is ignored when decoding the
KBC channel address. Data written to this bit is ignored. On
reset, this register is initialized to 60h. It may be updated if
KBCLK in the FLR Register is 0.
HKBCCS is an internal, chip select signal that identifies an
access to the KBC interface channel. (In some cases, the
channel legacy address is used instead.) This signal is ac-
tive (0) when the accessed address is the address held in
KBCCSAH and KBCCSAL, or that address + 4 (i.e., ad-
dress line A2 is ignored), if KBCE in the FER Register is 1.
On reset, the KBC interface channel is mapped to its legacy
address 0060h and 0064h. The HDEN strap input defines if,
on reset, access to the KBC interface channel is enabled
(HDEN=1) or disabled (HDEN=0).
5.14.10 PM Chip Select Address High Register (PMCSAH)
The PMCSAH Register holds the high address bits of the
host interface PM channel (legacy ports 0062h and 0066h).
Bits 0 through 7 of this register hold the host bus address
bits 8 through 15, respectively. On reset, this register is ini-
tialized to 00h. It may be updated if PMLK in the FLR Reg-
ister is 0.
5.14.11 PM Chip Select Address Low Register (PMCSAL)
The PMCSAL Register holds the low address bits of the
host interface PM channel (legacy ports 0062h and 0066h).
Bits 0 through 7 of this register hold the host bus address
bits 0 through 7, respectively. Bit 2 is a read only bit and
holds the value 0. This bit is ignored when decoding the PM
channel address. Data written to this bit is ignored. On re-
set, this register is initialized to 62h. It may be updated if
PMLK in the FLR Register is 0.
The PMCSA Register, together with the PMCSAH Register,
define the address used when accessing the PM channel of
the host interface. HPMCS is an internal, chip select signal
that identifies an access to the PM channel. (In some cases
the channel legacy address is used instead.) This signal is
active (0) when the accessed address is the address held in
PMCSAH and PMCSAL, or that address + 4 (i.e., address
line A2 is ignored) if PME in the FER Register is 1.
On reset, the PM channel is mapped to its legacy address
0062h and 0066h. The HDEN strap input defines if, on re-
set, access to the PM channel. is enabled (HDEN=1) or dis-
abled (HDEN=0).
5.14.12 Function Enable Register (FER)
The FER Register enables and disables the host interface to
various functions in the PC87570. On reset, the host may
change the contents of the bits in this register. Bits in FER may
be write protected (locked) by setting the corresponding bit in
the FLR Register. The HDEN strap input is sampled during
power-up reset. FER is initialized on reset according to HDEN.
When HDEN=0, FER is initialized to 00, disabling all modules.
When HDEN=1, non-reserved bits of FER are set, enabling
access to the devices at their default addresses.
Bit 0 - RTC Enable (RTCE)
0: RTC cannot be accessed by the host; i.e., access
to the address specified in RTCCSAH, RTCCSAL
does not generate a chip select.
1: A read or write access by the host to the address
specified by RTCCSAH, RTCCSAL generates a
chip select to the RTC (HRTCCS).
Bit 1 - KBC Enable (KBCE)
0: Keyboard channel cannot be accessed by the host; i.e.,
access to the address specified in KBCCSAH,
KBCCSAL does not generate a chip select.
76543210
Address Low HA7-0
76543210
Address High HA15-8
76543210
Address Low HA7-0
76543210
Address High HA15-8
76543210
Address Low HA7-0
76543210
Reserved
PME KBCE RTCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com