Electronic Components Datasheet Search
  English  ▼

X  

PC87570 Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 57Page - National Semiconductor (TI) PC87570 Datasheet HTML 58Page - National Semiconductor (TI) PC87570 Datasheet HTML 59Page - National Semiconductor (TI) PC87570 Datasheet HTML 60Page - National Semiconductor (TI) PC87570 Datasheet HTML 61Page - National Semiconductor (TI) PC87570 Datasheet HTML 62Page - National Semiconductor (TI) PC87570 Datasheet HTML 63Page - National Semiconductor (TI) PC87570 Datasheet HTML 64Page - National Semiconductor (TI) PC87570 Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
Host Bus Interface (HBI)
61
http://www.national.com
5.14 HBI REGISTERS ACCESSED BY HOST
The PC87570 has 14 host-accessed registers that control
the host interface channel, listed with their indexes in Table
5-4.
Table 5-4. HBI Registers Accessed by Host
5.14.1
Identification Register (SID)
The SID Register identifies the chip. Its value is fixed as
00h. This register is a read only register. Data written to it is
ignored.
5.14.2
Identification Type Register (SIDT)
The SIDT Register identifies the chip type. Its value is fixed
as 01h for the PC87570. This register is a read only register.
Data written to it is ignored.
5.14.3
Identification Revision Register (SIDR)
The SIDR Register identifies the chip revision. Its value is
fixed as 00h for the first revision. This register is a read only
register. Data written to it is ignored.
5.14.4
Base Address High Register (SBAH)
The SBAH Register holds the high address bits of the con-
figuration Index and Data Registers’ base address.
The value of this register after reset is undefined. It is initial-
ized by the motherboard PnP protocol, described in Section
5.13.
After this register has been initialized, the address may be
updated if SBALK in the FLR Register is 0. This change is
performed using the scheme described in “Changing the
Configuration Base Address” on page 60.
Bits 0 through 7 of this register hold the host bus address bits
8 through 15, respectively.
5.14.5
Base Address Low Register (SBAL)
The SBAL Register holds the low address byte of the con-
figuration Index and Data Registers’ base address.
The value of this register after reset is undefined. It is initial-
ized by the mother board PnP protocol, described in Section
5.13.
After this register has been initialized, the address may be
updated if SBALK in the FLR Register is 0. This change is
performed using the scheme described in “Changing the
Configuration Base Address” on page 60.
Bits 0 through 7 of this register hold the host bus address
bits 0 through 7, respectively. Bit 0 is a read only bit and
holds the value 0. Data written to this bit is ignored.
5.14.6
RTC Chip Select Address High Register (RTCCSAH)
The RTCCSAH Register holds the high address bits of the
RTC module. Bits 0 through 7 of this register hold the host
bus address bits 8 through 15, respectively. On reset, this
register is initialized to 00h. It may be updated if RTCLK in
the FLR Register is 0.
5.14.7
RTC Chip Select Address Low Register (RTCCSAL)
The RTCCSAL Register holds the low address bits of the
RTC module. Bits 0 through 7 of this register hold the host
bus address bits 0 through 7, respectively. Bit 0 is a read
only bit and hold the value 0. This bit is ignored when de-
Mnemonic
Register Name
Index
SID
Chip Identity Register
22h
SIDT
Chip Type Register
26h
SIDR
Chip Revision Register
27h
SBAH
Chip Base Address, High Register
4Bh
SBAL
Chip Base Address, Low Register
4Ah
RTCCSAH RTC Chip Select Address, High
(HRTCCS) Register
50h
RTCCSAL RTC Chip Select Address, Low
Register
51h
KBCCSAH KBC Chip Select Address, High
(KKBCCS) Register
52h
KBCCSAL KBC Chip Select Address, Low
Register
53h
PMCSAH
PM Chip Select Address, High
(HPMCS) Register
54h
PMCSAL
PM Chip Select Address, Low
Register
55h
FER
Function Enable Register
56h
FLR
Function Lock Register
57h
IRQE
IRQ Enable Register
58h
76543210
MSB
ID Value
LSB
76543210
MSB
ID Value
LSB
76543210
MSB
ID Value
LSB
76543210
Address High HA15-8
76543210
Address Low HA7-0
76543210
Address High HA15-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com