Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 3Page - STMicroelectronics UM2032 Datasheet HTML 4Page - STMicroelectronics UM2032 Datasheet HTML 5Page - STMicroelectronics UM2032 Datasheet HTML 6Page - STMicroelectronics UM2032 Datasheet HTML 7Page - STMicroelectronics UM2032 Datasheet HTML 8Page - STMicroelectronics UM2032 Datasheet HTML 9Page - STMicroelectronics UM2032 Datasheet HTML 10Page - STMicroelectronics UM2032 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DocID029078 Rev 2
7/48
UM2032
Features
47
1
Features
•
STM32F412ZGT6 microcontroller featuring 1 Mbyte of Flash memory
and 256 Kbytes of RAM in LQFP144 package
•
On-board ST-LINK/V2-1 SWD debugger,
supporting USB re-enumeration capability:
–
Virtual COM port
–
Mass storage
–
Debug port
•
1.54-inch, 240x240-pixel TFT color LCD with parallel interface
•
I2S audio codec, with a stereo headset jack,
including analog microphone input and a loudspeaker output
•
Stereo digital ST-MEMS microphones.
•
microSD™ card connector
•
I2C extension connector
•
128-Mbit Quad-SPI NOR Flash memory
•
Reset button and joystick
•
Four-color user LEDs
•
USB OTG FS with Micro-AB connector
•
Four options for power-supply source:
–
ST-LINK/V2-1 USB connector
–
User USB FS connector
–
VIN from Arduino™ Uno V3 connector
–
+5 V from Arduino™ Uno V3 connector
•
Two supply voltage options for STM32: 2.0 V and 3.3 V
•
Compatible Arduino™ Uno V3 connectors
•
Extension connectors for direct access to various features of
the STM32F412ZGT6
•
Comprehensive free software including a variety of examples,
part of the STM32Cube package
2
Demonstration software
Demonstration software is preloaded in the STM32F412ZGT6 Flash memory. The latest
version of the demonstration source code and the associated documentation can be
downloaded from the www.st.com/stm32f4-discovery webpage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com