Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics UM2032 Datasheet HTML 27Page - STMicroelectronics UM2032 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Hardware layout and configuration
UM2032
24/48
DocID029078 Rev 2
6.16
Extension connectors P1 and P2
The extension connectors consist in male pin headers P1 and P2 (not soldered by default).
They provide access to the following IPs of the STM32F412ZGT6:
•
SPI
•
I2C with SMBA and FM+ (1 MHz speed)
•
Full USART (Rx, Tx, RTS, CTS)
•
CAN
•
ADC inputs
•
TIMERs channels
•
I2S full duplex with SD and extSD alternate functions.
•
DFSDM input for stereo PDM digital microphones
Most of the ports connected to the extension connectors P1 and P2 are the same for the
32F401CDISCOVERY and 32F411EDISCOVERY discovery kits, to maximize the
compatibility with the previous designs. In Table 6, Table 7 and in the 32F412GDISCOVERY
schematics (see Section Appendix A: Schematics), the pin numbers corresponding to these
ports, are annotated with the star symbol: “*”.
In Table 6, Table 7 and in the 32F412GDISCOVERY schematics (see Section Appendix A:
Schematics) the pins belonging to the extension connectors P1 and P2 annotated with a
letter, are shared with a peripheral of the 32F412GDISCOVERY (for example, S means that
the port PC9 corresponding to pin 46 is also used for microSD, see Table 7).
Table 6. Pin assignment for the extension connector P1
P1 odd pins
P1 even pins
Pin No.
Name
Note
Pin No.
Name
Note
1GND
*
2
GND
*
3
VDD_MCU
*
4
VDD_MCU
*
5
GND
*
6
NRST
*
7
PC1
*A
8
PC0
*
9PC3
*A
10
PC2
*D
11
PA1
*A
12
-
-
13
PA3
*V
14
PA2
*V
15
PA5
*A
16
PA4
*C
17
PA7
*A
18
PA6
*A
19
PC5
*A
20
PC4
*A
21
PB1
*D
22
PB0
*A
23
GND
*
24
PF2
-
25
PF3
A
26
-
-
27
PF10
A
28
PF11
-
29
-
-
30
PF13
-
31
PG2
C
32
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com