Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 15Page - STMicroelectronics UM2032 Datasheet HTML 16Page - STMicroelectronics UM2032 Datasheet HTML 17Page - STMicroelectronics UM2032 Datasheet HTML 18Page - STMicroelectronics UM2032 Datasheet HTML 19Page - STMicroelectronics UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
DocID029078 Rev 2
19/48
UM2032
Hardware layout and configuration
47
6.7
Boot options
After reset, the STM32F412ZGT6 boots from the following embedded memory locations
depending on bits BOOT0 and BOOT1 (see Table 3):
•
User Flash memory (non-protected)
•
System Flash memory (protected) for In Circuit Programming
•
RAM for debugging
BOOT0 is set by the input pin BOOT0 of the STM32F412ZGT6. Its level is set by default to
0 by closing the solder bridge SB31 and keeping R69 unfitted. BOOT1 is shared with the
GPIO PB2 used as QSPI_CLK and is sampled by the STM32F412ZGT6 only at RESET
phase. At start-up, BOOT1 level depends on the resistors R104 and R100. By default R100
and R104 are not fitted on the discovery kit to avoid any influence on the QSPI_CLK signal
using same pin as BOOT1.
The application note “STM32 microcontroller system memory boot mode” Application note
(AN2606) details the bootloader mechanism and configurations.
Boot-related solder bridge and resistor settings are reported in Table 4:
Table 3. Boot options
BOOT0
BOOT1
Boot Memory
0
X
User Flash
1
0
System Flash
11
RAM
Table 4. Boot-related solder bridge and resistor settings
Resistors, solder bridge
Description
SB31 Closed
R69 not fitted
BOOT0=0
R100 and
R104 not fitted
BOOT1=X
Default Setting
Microcontroller STM32F412ZGT6 boots from user Flash.
SB31 Open
R69 fitted
(any value
from 0 to 10K)
BOOT0=1
R100 not fitted
R104 fitted (1)
BOOT1=0
1. To keep Quad-SPI functionality after boot-up phase, the user should select a resistor value of R100 or
R104 insuring a weak pull-down or weak pull-up respectively.
Microcontroller STM32F412ZGT6 boots from system Flash.
R104 is a pull-down resistor on PB2 shared between BOOT1 and
QSPI_CLK.
R100 fitted(1)
R104 not fitted
BOOT1=1
Microcontroller STM32F412ZGT6 from RAM.
R100 is a pull-up resistor on PB2 shared between BOOT1 and
QSPI_CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com