Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 7Page - STMicroelectronics UM2032 Datasheet HTML 8Page - STMicroelectronics UM2032 Datasheet HTML 9Page - STMicroelectronics UM2032 Datasheet HTML 10Page - STMicroelectronics UM2032 Datasheet HTML 11Page - STMicroelectronics UM2032 Datasheet HTML 12Page - STMicroelectronics UM2032 Datasheet HTML 13Page - STMicroelectronics UM2032 Datasheet HTML 14Page - STMicroelectronics UM2032 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DocID029078 Rev 2
11/48
UM2032
Hardware layout and configuration
47
6.1
32F412GDISCOVERY discovery kit mechanical drawing
Figure 6. 32F412GDISCOVERY mechanical drawing
6.2
Embedded ST-LINK/V2-1
ST-LINK/V2-1 programming and debugging tool is integrated into the
32F412GDISCOVERY discovery kit. Compared to ST-LINK/V2 stand-alone tool available
from STMicroelectronics, ST-LINK/V2-1 offers new features and drops some others.
New features:
•
USB software re-enumeration
•
Virtual COM port interface on USB
•
Mass storage interface on USB
•
USB power management request for more than 100 mA power on USB
Feature dropped:
•
SWIM interface
For all general information concerning debugging and programming features common
between V2 and V2-1 versions, refer to ST-LINK/V2 in-circuit debugger/programmer for
STM8 and STM32 User manual (UM1075) at the www.st.com website.
1
6
5
4
8
5
4
13
12
48
1
8
24
37
10
25
36
2
1
1
109
73
6
2
1
72
144
37
1 8
8 1
8
5
36
3
1
D
A
50
49
50
49
22
2
23
44
50.8
172
5.08
22.86
65.68
59.35
4.06
23.79
67
48.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com