Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 14Page - STMicroelectronics UM2032 Datasheet HTML 15Page - STMicroelectronics UM2032 Datasheet HTML 16Page - STMicroelectronics UM2032 Datasheet HTML 17Page - STMicroelectronics UM2032 Datasheet HTML 18Page - STMicroelectronics UM2032 Datasheet HTML 19Page - STMicroelectronics UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Hardware layout and configuration
UM2032
18/48
DocID029078 Rev 2
6.4
Clock source
6.4.1
HSE clock source
By default the 8 MHz clock source is provided to the STM32F412ZGT6 by the MCO output
of the ST-LINK/V2-1 MCU U6. In that case the solder bridge SB20 is closed, resistors R45
and R46 are not soldered, solder bridge SB22 is open. The pins PH0 and PH1 are not
available for the extension connector P2.
Alternatively, the discovery kit offers the possibility to use a crystal to provide the 8 MHz
HSE clock source of the STM32F412ZGT6 U7. In that case, PH0 and PH1 are used as
OSC_IN and OSC_OUT respectively. The solder bridges SB20, SB22, SB16 must be
opened, 0 ohm resistors should be soldered to R45 and R46 and a crystal must be soldered
in place X2. Regarding component selection of X2, capacitors C19 and C21 (8.2 pF) are
optimized for a crystal NDK NX3225GD 8 MHz EXS00A-CG04874 and they are not fitted.
The pins PH0 and PH1 are not available for the extension connector P2.
6.4.2
LSE clock source
By default, the 32.768 kHz crystal X3 is connected to pins PC14-OSC32_IN and PC15-
OSC32_OUT of STM32F412ZGT6 for the RTC clock. Solder bridges SB25 and SB23 must
be open.
If LSE clock is not used, it is possible to use PC14-OSC32_IN and PC15-OSC32_OUT of
STM32F412ZGT6 and to access by the extension connector P2. In that case, solder
bridges SB25 and SB23 must be closed and resistors R54, R56 removed.
6.5
Reserved use of solder bridges
The following solder bridges must not be changed otherwise the microcontroller
STM32F412ZGT6 U7 or other parts of the discovery kit may be damaged:
•
Solder bridges must be left closed: SB34, SB26
•
Solder bridges must be left open: SB27, SB35
6.6
Reset source
The reset signal of 32F412GDISCOVERY discovery kit is low active and the reset sources
include:
•
Reset button B1, providing solder bridge SB1 is closed (default setting)
•
Embedded ST-LINK/V2-1, providing solder bridge SB21 is closed (default setting)
•
Arduino Uno V3 compatible connector CN2 pin 3
•
Extension connector P1 pin 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com