Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 38Page - STMicroelectronics UM2032 Datasheet HTML 39Page - STMicroelectronics UM2032 Datasheet HTML 40Page - STMicroelectronics UM2032 Datasheet HTML 41Page - STMicroelectronics UM2032 Datasheet HTML 42Page - STMicroelectronics UM2032 Datasheet HTML 43Page - STMicroelectronics UM2032 Datasheet HTML 44Page - STMicroelectronics UM2032 Datasheet HTML 45Page - STMicroelectronics UM2032 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Figure 21. 32F412GDISCOVERY extension connectors
911
Extension connectors
MB1209
D-02
6/29/2016
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
STM32F412G-DISCO
Project:
NRST
VDD_MCU
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
P1
Header 25X2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
P2
Header 25X2
PE5
PE6
PA1
PA5
PA6
PA7
PA8
PA15
PB1
PB8
PB9
PB10
PB13
PB14
PB15
PB0
PC1
PC3
PC4
PC5
PC14
PC15
PC0
PD6
PD12
PD13
PH1
PH0
VDD_MCU
VDD_MCU
+3V3
+3V3
PB11
MCO_1
PE2
PE3
PE4
PC13
PA4
PB12
PC6
PC7
PA10
PA13
PA14
PB3
PB5
PB7
PB4
PB6
PE0
PE1
SPI4_MISO/SPI5_MISO/TIM9_CH1
SPI4_MOSI/I2S4_SD/SPI5_MOSI/I2S5_SD/TIM9_CH2
I2C2_SMBA
TIM5_CH1
SPI_2_MOSI/I2S2_SD/I2C_4_SCL/TIM_1_CH3N/TIM8_CH3N/TIM12_CH2/RTC_50Hz
I2C4_SMBA/USART3_RX/ADC1_15
TIM5_CH4
SPI2_MOSI/I2S2_SD/ADC1_13
ADC1_11/WKUP3
SPI4_MOSI/I2S4_SD/USART2_RTS/ADC1_1/TIM2_CH2/TIM5_CH2
ADC1_10/WKUP2
USART3_RTS/TIM4_CH1/I2C4_SCL
DFSDM_clocking/I2S2_CKIN/I2C2_SDA
SPI2_SCK/I2S2_CK/I2S3_MCK/I2C2_SCL/I2C4_SCL/USART3_TX/TIM2_CH3
SPI_2_MISO//I2S2ext_SD/I2C_4_SDA/USART_3_RTS/TIM_1_CH2N_8_CH2N_12_CH1
SPI2_SCK/I2S2_CK/SPI4_SCK/I2S4_CK/USART3_CTS/CAN2_TX/TIM1_CH1N
SPI5_NSS/I2S5_WS/ADC1_9/TIM1_CH3N/TIM3_CH4TIM/8_CH3N/DFSDM_DATIN0
I2C4_SDA/TIM4_CH2
SPI5_MOSI/I2S5_SD/I2C1_SCL/I2C3_SDA/CAN1_RX/TIM4_CH3/TIM10_CH1
SPI3_MOSI/3_SD/USART2_RX
SPI1_NSS/1_WS/USART1_TX/TIM2_CH1/2_ETR
I2S2_MCK/I2C4_SCL/USART6_TX/TIM3_CH1/TIM8_CH1
I2S1_MCK/ADC1_14
SPI2_NSS/I2S2_WS/I2C1_SDA/I2C2_SDA/CAN1_TX/TIM4_CH4/TIM11_CH1
BOOT0
SPI1_MOSI/I2S1_SD/ADC1_7/TIM1_CH1N/TIM3_CH2/TIM8_CH1N/TIM14_CH1
SPI1_MISO//ADC1_6/TIM3_CH1/TIM13_CH1
SPI1_NSS/I2S1_WS/SPI3_NSS/I2S3_WS/ADC1_4
SPI1_SCK/I2S1_CK/ADC1_5/TIM2_CH1/2_ETR/TIM8_CH1N
SPI5_SCK/I2S5_CK/ADC1_8/TIM1_CH2N/TIM3_CH3/TIM8_CH2N
TAMP1
USART6_RX
CAN2_RX
USART6_RTS/CAN2_TX
USART6_CTS
USART6_TX
Alternate functions available:
SPI1, SPI2, SPI4
I2C1, I2C2 with SMBA , I2C4 FM+ 1MHz with SMBA
USART3 Rx,Tx,Cts,Rts, USART6 Rx,Tx,Cts,Rts
CAN1, CAN2
14 ADC inputs
>15 Timer channels
I2S2 full duplex with SD and extSD
DFSDM input for stereo PDM microphones
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
**
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
(right side)
(left side)
shared with LED3
shared with LED4
shared with LSE crystal
shared with LSE crystal
shared with HSE crystal
A
A
A
A
C
A
A
A
A
A
A
D
PC2
*
D
SPI2_MISO/I2Sext_SD/DFSDM-CKOUT/ADC1_12
shared with EXT_RESET
A
DC
C
C
D
shared with USB_OTGFS_ID
JTMS-SWDIO
JTCK-SWCLK
A
A
A
AA
AA
A
JTDO-SWO
CC
CC
AA
shared with LED1
shared with LED2
NRST
PC0
PC2
PA4
PA6
PC4
PB0
PB10
PB12
PB14
PD12
PC1
PC3
PA1
PA7
PC5
PB1
PA5
PB11
PB13
PB15
PD13
PH1
PC15
PC13
PE1
PB7
PB5
PB3
PE5
PE3
PB9
PD6
PA13
PA15
PC7
PH0
PC14
PE6
PE4
PE2
PE0
PB8
BOOT0
PB6
PA14
PA10
PA8
PB4
PC6
PA2
PA3
*
*
I2S2_CKIN/USART2_TX/ADC1_2/TIM2_CH3/TIM5_CH3/TIM9_CH1
I2S2_MCK/USART2_RX/ADC1_3/TIM2_CH4/TIM5_CH4/TIM9_CH2
SPI2_NSS/I2S2_WS/SPI3_SCK/I2S3_CK/SPI4_NSS/I2S4_WS/I2C2_SMBA/USART2_RX
PA2
PA3
* : pin compatible with STM32F401-DISCO and STM32F411-DISCO
A : shared with Arduino connectors
C : shared with CODEC
D : shared with Digital microphones
PF2
PF3
PF10
PF11
PG2
PG9
PG10
PG11
PG12
PG13
PG14
SPKOUTRN
SPKOUTRP
PF2
PF3
PF10
PF11
PG2
PG9
PG10
PG11
PG12
PG13
PG14
SPKOUTRN
SPKOUTRP
+5V
+5V
Not Fitted
Not Fitted
PF13
PF13
I2C4_SMBA
V : shared with Virtual Com Port
V
V
T : shared with Capacitive Touch Panel
I2C1_SCL shared with Codec and CTP
I2C1_SDA shared with Codec and CTP
TT
PC9
MCO_2/I2S2_CKIN/I2C3_SDA /TIM3_CH4 /TIM8_CH4
*
S
S : shared with MicroSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com