Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 16Page - STMicroelectronics UM2032 Datasheet HTML 17Page - STMicroelectronics UM2032 Datasheet HTML 18Page - STMicroelectronics UM2032 Datasheet HTML 19Page - STMicroelectronics UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Hardware layout and configuration
UM2032
20/48
DocID029078 Rev 2
6.8
Audio codec
A Cirrus/Wolfson codec WM8994 U15 connected to the I2S3 interface of the microcontroller
STM32F412ZGT6 offers possibility to connect a stereo headphone or headset with a mono-
analog microphone. A loudspeaker can be connected to the extension connector.
The digital audio output from the microcontroller is handled by the port of the microcontroller
PB5 called CODEC_I2S3_SD while the other direction is handled by port PB4 called
CODEC_I2S3ext_SD.
The I²C-bus address of WM8994 is 0b0011010.
6.8.1
Stereo headset and headphone jack
A stereo headphone or a stereo headset with analog microphone can be plugged into the
3.5 mm standard jack socket CN9.
The stereo digital audio streamed from pin PB5 of the microcontroller STM32F412ZGT6 is
transformed in a stereo analog output by the codec WM8994 and is delivered to the
headphone or headset through the pins 6 and 4 of the jack socket CN9.
If a headset is plugged into CN9, the bias of the microphone is driven by the output
MICBIAS1 of the codec and the analog audio enters into the codec by the pin IN1LN.
The corresponding digital audio output from the codec is connected to the microcontroller
STM32F412ZGT6 by the port PB4.
6.8.2
Loudspeaker output
The 32F412GDISCOVERY discovery kit can deliver a monophonic audio to a loudspeaker
connected to pins 36 and 38 of the extension connector P2. It is recommended to use the
WM8994 codec loudspeaker outputs SPKOUTRN and SPKOUTRP in linear mode called
"class AB". This mode is compatible with 4-ohm to 8-ohm impedance loudspeakers. Use of
the switching mode called "class D" requires to use an appropriate filter to maximize
rejection of unwanted frequencies and efficiency. To select the mode "class AB" of the codec
WM8994, set to 1 the bit 8 of the register 0x23.
6.9
Digital microphones
Two ST-MEMS MP34DT01TR digital microphones U4 and U5 are available on the
32F412GDISCOVERY discovery kit. The two microphones are located at a distance of
21 mm each other. The microphones are connected to the DFSDM of the STM32 by the port
PC2 generating the clock and by the port PB1 collecting the PDM interleaved data.
6.10
USB OTG FS
A USB OTG full-speed communication is available at USB Micro-AB receptacle connector
CN3.
Limitations: the USB-related operating supply voltage of STM32L412ZGT6 (VDD_USB
line) must be within the range from 3.0 V to 3.6 V. Therefore, in case the STM32F412ZGT6
is supplied with 2 V by JP5 set in +2 V position, the USB of the STM32 works only if the
VDD_USB power pin is supplied independently by +3.3V. This is done by closing pins 2 and
3 of the jumper JP6 (refer to Table 2: Power-supply-related jumper settings).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com