Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics UM2032 Datasheet HTML 27Page - STMicroelectronics UM2032 Datasheet HTML 28Page - STMicroelectronics UM2032 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DocID029078 Rev 2
25/48
UM2032
Hardware layout and configuration
47
33
PG9
A
34
PB10
*A
35
PB11
*D
36PB12*C
37
PB13
*
38
PB14
*
39
PB15
*
40
-
-
41
-
-
42
-
-
43
-
-
44
PD12
*
45
PD13
*
46
-
-
47
-
-
48
-
-
49
GND
*
50
GND
*
Table 7. Pin assignment for the extension connector P2
P2 odd pins
P2 even pins
Pin No.
Name
Note
Pin No.
Name
Note
1GND
*
2
GND
*
3+5V
*
4
+5V
*
5+3V3
*
6
+3V3
*
7PH0
*
8
PH1
*
9
PC14
*
10
PC15
*
11
PE6
*
12
PC13
*
13
PE4
*
14
PE5
*
15
PE2
*
16
PE3
*
17
PE0
*
18
PE1
*
19
PB8
*A
20
PB9
*A
21
BOOT0
*
22
VDD_MCU
*
23
PB6
*TC
24
PB7
*TC
25
PB4
*C
26
PB5
*C
27
-
-
28
PB3
*
29
-
-
30
PD6
*
31
PG10
A
32
PG11
A
33
PG12
A
34
PG13
A
35
PG14
A
36
SPKOUTRN
-
37
-
-
38
SPKOUTRP
-
39
PA14
*
40
PA15
*A
Table 6. Pin assignment for the extension connector P1 (continued)
P1 odd pins
P1 even pins
Pin No.
Name
Note
Pin No.
Name
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com