Electronic Components Datasheet Search
  English  ▼

X  

UM2032 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics UM2032 Datasheet HTML 27Page - STMicroelectronics UM2032 Datasheet HTML 28Page - STMicroelectronics UM2032 Datasheet HTML 29Page - STMicroelectronics UM2032 Datasheet HTML 30Page - STMicroelectronics UM2032 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
DocID029078 Rev 2
27/48
UM2032
Hardware layout and configuration
47
6.17.2
LCD signal access (CN7)
CN7 is the footprint of a dual-row, through-hole, 26-pin header with 2.54 mm pitch. The
header CN7 gives an easy access to the FMC signals of the LCD (see Table 9).
6
D12
Data connected to FMC
PE15
7
D11
Data connected to FMC
PE14
8
D10
Data connected to FMC
PE13
9
D9
Data connected to FMC
PE12
10
D8
Data connected to FMC
PE11
11
D7
Data connected to FMC
PE10
12
D6
Data connected to FMC
PE9
13
D5
Data connected to FMC
PE8
14
D4
Data connected to FMC
PE7
15
D3
Data connected to FMC
PD1
16
D2
Data connected to FMC
PD0
17
D1
Data connected to FMC
PD15
18
D0
Data connected to FMC
PD14
19
/RD
Read of LCD connected to FMC_NOE
PD4
20
/WR
Write of LCD connected to FMC_NWE
PD5
21
RS
Data/Command select connected to A0
PF0
22
/CS
Chip Select of LCD connected to FMC_NE1
PD7
23
RESET
LCD RESET
PD11
24
IM
8-bit (low)/16-bit (high) mode selection pin
n/a
25
IOVCC
LCD I/Os power supply connected to VDD
n/a
26
VCI
Power supply connected to +3.3V
n/a
27
GND
Ground
GND
28
LEDA
Anode of backlight LED
n/a
29
LEDK
Cathode of backlight LED
n/a
Table 8. Pin assignment for connector CN15 (continued)
CN15 pin
Signal
name
Description
STM32 pin
involved
Table 9. Pin assignment for connector CN7
CN7 odd pins
Signal name
CN7 even pins
Signal name
1
A0
2
LCD_BLCTRL
3FMC_NWE
4
GND
5
FMC_NE1
6
FMC_NOE
7D0
8
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com