Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 4 Page - TE Connectivity Ltd

  HTU20D Datasheet HTML 1Page - TE Connectivity Ltd HTU20D Datasheet HTML 2Page - TE Connectivity Ltd HTU20D Datasheet HTML 3Page - TE Connectivity Ltd HTU20D Datasheet HTML 4Page - TE Connectivity Ltd HTU20D Datasheet HTML 5Page - TE Connectivity Ltd HTU20D Datasheet HTML 6Page - TE Connectivity Ltd HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 4
ELECTRICAL AND GENERAL ITEMS
(@T = 25°C, @Vdd = 3V)
Characteristics
Symbol
Min
Typ
Max
Unit
Voltage Supply
VDD
1.5
3.0
3.6
V
Current
consumption (1)
Sleep mode
idd
0.02
0.14
µA
Measuring
300
450
500
µA
Power Dissipation
Sleep mode
0.06
0.5
µW
Average 8bit (2)
2.7
µW
Communication
digital 2-wire interface, I²C protocol
Heater
VDD=3V
5.5mW/ΔT=+0.5-1.5°C
Storage
-40°C/125°C
(1) Conditions: Vdd = 3V, SCK= 400kHz at 25°C
(2) Conditions: Vdd = 3V, SCK= 400kHz, Temp<60°C, duty cycle <10%
SENSOR PERFORMANCE
RELATIVE HUMIDITY
(@T = 25°C, @Vdd = 3V)
Characteristics
Symbol
Min
Typ
Max
Unit
Resolution
12 bits
0.04
%RH
8 bits
0.7
%RH
Humidity Operating Range
RH
0
100
%RH
Relative Humidity Accuracy
@25°C (20%RH to 80%RH)
typ
±3
%RH
max
See graph 1
%RH
Replacement
fully interchangeable
Temperature coefficient (from 0°C to 80°C)
Tcc
-0.15
%RH/°C
Humidity Hysteresis
±1
%RH
Measuring Time (1)
12 bits
14
16
ms
11 bits
7
8
ms
10 bits
4
5
ms
8 bits
2
3
ms
PSRR
±10
LSB
Recovery time after 150 hours of condensation
t
10
s
Long term drift
0.5
%RH/yr
Response Time (at 63% of signal) from 33 to 75%RH (2)
τRH
5
10
s
(1) Typical values are recommended for calculating energy consumption while maximum values shall be applied for calculating
waiting times in communication.
(2) At 1m/s air flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com