Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 2Page - TE Connectivity Ltd HTU20D Datasheet HTML 3Page - TE Connectivity Ltd HTU20D Datasheet HTML 4Page - TE Connectivity Ltd HTU20D Datasheet HTML 5Page - TE Connectivity Ltd HTU20D Datasheet HTML 6Page - TE Connectivity Ltd HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 6
TEMPERATURE
Characteristics
Symbol
Min
Typ
Max
Unit
Resolution
14 bit
0.01
°C
12 bit
0.04
°C
Temperature Operating Range
T
-40
+125
°C
Temperature Accuracy @25°C
typ
±0.3
°C
max
See graph 2
°C
Replacement
fully interchangeable
Measuring time (1)
14 bit
44
50
ms
13 bit
22
25
ms
12 bit
11
13
ms
11 bit
6
7
ms
PSSR
±25
LSB
Long term drift
0.04
°C/yr
Response Time (at 63% of signal) from 15°C to 45°C (2)
τT
10
s
(1) Typical values are recommended for calculating energy consumption while maximum values shall be applied for calculating
waiting times in communication.
(2) At 1m/s air flow
GRAPH 2 : TEMPERATURE ERROR BUDGET
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
Maximal Tolerance
Typical Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com