Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd HTU20D Datasheet HTML 12Page - TE Connectivity Ltd HTU20D Datasheet HTML 13Page - TE Connectivity Ltd HTU20D Datasheet HTML 14Page - TE Connectivity Ltd HTU20D Datasheet HTML 15Page - TE Connectivity Ltd HTU20D Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 12
Hold/No Hold master modes
There are two different operation modes to communicate with the HTU20D(F) sensor: Hold Master mode and No
Hold Master mode.
In the first case, the SCK line is blocked (controlled by HTU20D(F) sensor) during measurement process while in
the second case the SCK line remain open for other communication while the sensor is processing the
measurement.
No Hold Master mode allows for processing other I²C communication tasks on a bus while the HTU20D(F) sensor
is measuring. A communication sequence of the two modes is available below.
In the Hold Master mode, the HTU20D(F) pulls down the SCK line while measuring to force the master into a wait
state. By releasing the SCK line, the HTU20D(F) sensor indicates that internal processing is completed and that
transmission may be continued.
In the No Hold Master mode, the MCU has to poll for the termination of the internal processing of the HTU20D(F)
sensor. This is done by sending a start condition followed
by the I²C header (‘1’ for Read access : 0x81) as shown
below. If the internal processing is finished, the HTU20D(F) sensor acknowledges the poll of the MCU and data can
be read by the MCU. If the measurement processing is not finished, the HTU20D(F) sensor answers no ACK bit
and start condition must be issued once more.
For both modes, since the maximum resolution of the measurement is 14 bits, the two last least significant bits
(LSBs, bits 43 and 44) are used for transmitting status information. Bit 1 of the two LSBs indicates the measurement
type (‘0’: temperature, ‘1’: humidity). Bit 0 is currently not assigned.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S
1
0
0
0
0
0
0
0
ACK
1
1
1
0
0
1
0
1
ACK
I²C address + write
Command (see table p.9)
19
20
21
22
23
24
25
26
27
S
1
0
0
0
0
0
0
1
ACK
Measurement
I²C address + read
Hold during measurement
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
0
1
1
1
1
1
0
0
ACK
1
0
0
0
0
0
1
0
ACK
Data (MSB)
Data (LSB)
Status
46
47
48
49
50
51
52
53
54
1
0
0
1
0
1
1
1
NACK
P
Checksum
Hold Master communication sequence
Command
Code
Comment
Trigger Temperature Measurement
0xE3
Hold master
Trigger Humidity Measurement
0xE5
Hold master
Trigger Temperature Measurement
0xF3
No Hold master
Trigger Humidity Measurement
0xF5
No Hold master
Write user register
0xE6
Read user register
0xE7
Soft Reset
0xFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com