Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 5 Page - TE Connectivity Ltd

  HTU20D Datasheet HTML 1Page - TE Connectivity Ltd HTU20D Datasheet HTML 2Page - TE Connectivity Ltd HTU20D Datasheet HTML 3Page - TE Connectivity Ltd HTU20D Datasheet HTML 4Page - TE Connectivity Ltd HTU20D Datasheet HTML 5Page - TE Connectivity Ltd HTU20D Datasheet HTML 6Page - TE Connectivity Ltd HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 5
GRAPH1 : RELATIVE HUMIDITY ERROR BUDGET CONDITIONS AT 25°C
 HTU20D(F) sensors are specified for optimum accuracy measurements within 5 to 95%RH.
 Operation out of this range (< 5% or > 95% RH, including condensation) is however possible.
TEMPERATURE COEFFICIENT COMPENSATION EQUATION
For other temperatures than 25°C, the following temperature coefficient compensation equation can be used and
will guarantee Relative Humidity accuracy given in table1, from 0°C to 80°C:
)
(T
f
RH
RH
actualT
dT
compensate
RHactualT
Ambient humidity in %RH, computed from HTU21D(F) sensor
Tactual
Humidity cell temperature in °C, computed from HTU21D(F) sensor
)
(T
f
RH correction (in %RH) is a linear function of the temperature T (°C) as described
below :
)
25
(
*
15
.
0
)
(
T
T
f
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
100
Relative Humidity (%RH)
Maximal
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com