Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 3Page - TE Connectivity Ltd HTU20D Datasheet HTML 4Page - TE Connectivity Ltd HTU20D Datasheet HTML 5Page - TE Connectivity Ltd HTU20D Datasheet HTML 6Page - TE Connectivity Ltd HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 7
USER GUIDE HTU20D(F)
APPLICATION INFORMATION
Soldering instructions: Lead free reflow soldering recommended process
For soldering HTU20D(F) sensor standard reflow soldering ovens may be used.
HTU20D(F) sensor as a humidity sensitive component (as classified by IPC/JEDEC J-STD-020 or equivalent
documented procedure with peak temperature at 260°C during up to 30 seconds for Pb-free assembly in
IR/convection reflow ovens) must be handled in a manner consistent with IPC/JEDEC J-STD-033 or an equivalent
documented procedure. IPC-1601 provides humidity control, handling and packing of PCBs.
The H T U 2 0 D ( F ) s ensor is qualified to withstand one lead free reflow soldering recommended process profile
below according to JEDEC standard.
Mount parts within 24 hours after printing solder paste to avoid potential dry up.
For manual soldering, contact time must be limited to 5 seconds at up to 350°C.
For the design of the HTU20D(F) sensor footprint, it is recommended to use dimensions according to figure below.
Recommended footprint for HTU20D(F) sensors. Values in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com