Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 4Page - TE Connectivity Ltd HTU20D Datasheet HTML 5Page - TE Connectivity Ltd HTU20D Datasheet HTML 6Page - TE Connectivity Ltd HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd HTU20D Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 8
No specific conditioning of devices is necessary after soldering process, either manual or reflow soldering.
Optimized performance in case of metrological measurements can be reached with stabilization of devices (24
hours at 25°C / 55%RH). Similar process is advised after exposure of the devices to extreme relative humidity
conditions.
In no case, neither after manual nor reflow soldering, a board wash shall be applied. Therefore, it is strongly
recommended to use a “no-clean” solder paste. In case of applications with exposure of the sensor to corrosive
gases or condensed water (i.e. environments with high relative humidity) the soldering pads shall be sealed (e.g.
conformal coating) to prevent loose contacts or short cuts.
Storage Conditions and Handling Instructions
It is recommended to store HTU20D(F) sensor in its original packaging at following conditions: Temperature shall
be in the range of -40°C
– 125°C.
Temperature Effects
Relative humidity reading strongly depends on temperature. Therefore, it is essential to
keep humidity sensors at the same temperature as the air of which the relative humidity
is to be measured.
In case of testing or qualification the reference sensor and test sensor must show equal
temperature to allow for comparing humidity readings.
The HTU20D(F) sensor should be mounted in a way that prevents heat transfer from
electronic sensor or that keeps it as low as possible. Advice can be ventilation, reduction
of copper layers between the HTU20D(F) sensor and the rest of the PCB or milling a
slit into the PCB around the sensor (1mm minimum width).
Example of HTU20D(F) sensor mounting
with slits mills to minimize heat transfer
Materials Used for Sealing / Mounting
For sealing and gluing (use sparingly), use high filled epoxy for electronic packaging and silicone. For any specific
material please request to humidity.application@te.com.
Window must remain uncovered.
Wiring Considerations and Signal Integrity
Carrying the SCK and DATA signal parallel and in close proximity (e.g. in wires) for more than 10 cm may result in
cross talk and loss of communication.
This may be resolved by routing VDD and/or GND between the two data signals and/or using shielded cables.
Furthermore, slowing down SCK frequency will possibly improve signal integrity.
Power supply pins (VDD, GND) must be bypassed with a 100nF capacitor if wires are used. Capacitor should be
placed as close as possible to the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com