Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 7Page - TE Connectivity Ltd HTU20D Datasheet HTML 8Page - TE Connectivity Ltd HTU20D Datasheet HTML 9Page - TE Connectivity Ltd HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd HTU20D Datasheet HTML 12Page - TE Connectivity Ltd HTU20D Datasheet HTML 13Page - TE Connectivity Ltd HTU20D Datasheet HTML 14Page - TE Connectivity Ltd HTU20D Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 11
Timing diagram for digital input/output pads
DATA directions are seen from the HTU20D(F) sensor. DATA line in bold is controlled by the sensor. DATA valid
read time is triggered by falling edge of anterior toggle.
COMMUNICATION PROTOCOL WITH HTU20D(F) SENSOR
Start-up sensor
The HTU20D(F) sensor requires a voltage supply between 1.5V and 3.6V. After power up, the device needs at
most 15ms while SCK is high for reaching idle state (sleep mode), i.e to be ready accepting commands from the
MCU. No command should be sent before that time. Soft reset is recommended at start, refer p.13.
Start sequence (S)
To initiate transmission, a start bit has to be issued. It consists of a lowering of the DATA line
while SCK is high followed by lowering SCK.
Stop sequence (P)
To stop transmission, a stop bit has to be issued. It consists of a heightening of the DATA line
while SCK is high preceded by a heightening of the SCK.
HTU20D(F) SENSOR LIST OF COMMANDS AND REGISTER ADRESSES
For sample source code, please request to humidity.application@te.com.
Sending a command
After sending the start condition, the subsequent I²C header consist of a 7-bit I²C device address 0x40 and a DATA
direction bit (‘0’ for Write access :0x80). The HTU20D(F) sensor indicates the proper reception of a byte by pulling
the DATA pin low (ACK bit) after the falling edge of the 8th SCK clock. After the issue of a measurement command
(0xE3 for temperature, 0xE5 for relative humidity), the MCU must wait for the measurement to complete. The basic
commands are given in the table below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com