Electronic Components Datasheet Search
  English  ▼

X  

HTU20D Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # HTU20D
Description  Instantaneous desaturation after long periods in saturation phase
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HTU20D Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button HTU20D Datasheet HTML 10Page - TE Connectivity Ltd HTU20D Datasheet HTML 11Page - TE Connectivity Ltd HTU20D Datasheet HTML 12Page - TE Connectivity Ltd HTU20D Datasheet HTML 13Page - TE Connectivity Ltd HTU20D Datasheet HTML 14Page - TE Connectivity Ltd HTU20D Datasheet HTML 15Page - TE Connectivity Ltd HTU20D Datasheet HTML 16Page - TE Connectivity Ltd HTU20D Datasheet HTML 17Page - TE Connectivity Ltd HTU20D Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HTU20D(F) RH/T SENSOR IC
Digital Relative Humidity sensor with Temperature output
SENSOR SOLUTIONS /// HPC202_5 HTU20D(F) Sensor Datasheet
9/2015
Page 14
User register
The content of user register is described in the table below. Reserved bits must not be changed and default values
of respective reserved bits may change over time without prior notice. Therefore, for any writing to user register,
default values of reserved bits must be read first.
The “End of Battery” alert/status is activated when the battery power falls below 2.25V.
The heater is intended to be used for functionality diagnosis: relative humidity drops upon rising temperature. The
heater consumes about 5.5mW and provides a temperature increase of about 0.5-1.5°C.
OTP reload is a safety feature and load the entire OTP settings to the register, with the exception of the heater bit,
before every measurement. This feature is disabled per default and it is not recommended for use. Please use soft
reset instead as it contains OTP reload.
Bit
#Bits
Description/Coding
Default
7,0
2
Measurement resolution
Bit 7
Bit 0
RH
Temp
0
0
12 bits
14 bits
0
1
8 bits
12 bits
1
0
10 bits
13 bits
1
1
11 bits
11 bits
‘00’
6
1
Status: End of Battery(1)
‘0’: VDD>2.25V
‘1’: VDD<2.25V
‘0’
3, 4, 5
3
Reserved
‘0’
2
1
Enable on-chip heater
‘0’
1
1
Disable OTP reload
‘1’
(1) This status bit is updated after each measurement
Cut-off value for
“End of Battery” signal may vary by ±0.1V.
Reserved bits must not be changed.
OTP reload active loads default settings after each time a measurement command is issued.
I²C communication reading and writing the user register example
In this example, the resolution is set to 8 bits / 12 bits (for RH/Temp) from default configuration.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S
1
0
0
0
0
0
0
0
ACK
1
1
1
0
0
1
1
1
ACK
I²C address + write
Read Register Command
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
S
1
0
0
0
0
0
0
1
ACK
0
0
0
0
0
0
1
0
NACK
I²C address + read
Register content
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
S
1
0
0
0
0
0
0
0
ACK
1
1
1
0
0
1
1
0
ACK
I²C address + write
Write Register Command
55
56
57
58
59
60
61
62
63
0
0
0
0
0
0
1
1
ACK
P
Register Content to be written
Grey blocks are controlled by HTU20D(F) sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com