Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVFS Datasheet(PDF) 26 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 22Page - ATMEL Corporation TS8388BVFS Datasheet HTML 23Page - ATMEL Corporation TS8388BVFS Datasheet HTML 24Page - ATMEL Corporation TS8388BVFS Datasheet HTML 25Page - ATMEL Corporation TS8388BVFS Datasheet HTML 26Page - ATMEL Corporation TS8388BVFS Datasheet HTML 27Page - ATMEL Corporation TS8388BVFS Datasheet HTML 28Page - ATMEL Corporation TS8388BVFS Datasheet HTML 29Page - ATMEL Corporation TS8388BVFS Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
26
TS8388B
2144C–BDC–04/03
ADC Step
Response
Test pulse input characteristics: 20% to 80% input full scale and rise time ~ 200 ps.
Note:
This step response was obtained with the TSEV8388B chip on-board (device in die form).
Figure 27. Test Pulse Digitized with 20 GHz DSO
Figure 28. Same Test Pulse Digitized with TS8388B ADC
Note:
Ripples are due to the test setup (they are present on both measurements).
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
Time (ns)
Tr ~ 240 ps
50 mV/div
Vpp ~ 260 mV
500 ps/div
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
150
100
50
0
Time (ns)
Tr ~ 280 ps
50 codes/div (Vpp ~ 260 mV)
500 ps/div
ADC calculated rise time: between 150 and 200 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com