Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVFS Datasheet(PDF) 28 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 24Page - ATMEL Corporation TS8388BVFS Datasheet HTML 25Page - ATMEL Corporation TS8388BVFS Datasheet HTML 26Page - ATMEL Corporation TS8388BVFS Datasheet HTML 27Page - ATMEL Corporation TS8388BVFS Datasheet HTML 28Page - ATMEL Corporation TS8388BVFS Datasheet HTML 29Page - ATMEL Corporation TS8388BVFS Datasheet HTML 30Page - ATMEL Corporation TS8388BVFS Datasheet HTML 31Page - ATMEL Corporation TS8388BVFS Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
28
TS8388B
2144C–BDC–04/03
Consequently, minimum values for TOD and TDR are never more than 100 ps apart. The
same is true for the TOD and TDR maximum values.
In other terms :
–
If TOD is at 1150 ps, TDR will not be at 1620 ps (maximum time delay for TDR).
–
If TOD is at 1660 ps, TDR will not be at 1110 ps (minimum time delay for TDR).
However, external TOD-TDR values may be dictated by total digital datas skews
between every TODs (each digital data) and TDR: MCM Board, bonding wires and
output lines lengths differences, and output termination impedance mismatches.
The external (on board) skew effect has NOT been taken into account for the specification of
the minimum and maximum values for TOD-TDR.
Principle of Operation
The Analog input is sampled on the rising edge of external clock input (CLK, CLKB) after TA
(aperture delay) of typically 250 ps. The digitized data is available after 4 clock periods latency
(pipeline delay (TPD)), on clock rising edge, after 1360 ps typical propagation delay TOD.
The Data Ready differential output signal frequency (DR, DRB) is half the external clock fre-
quency, that is it switches at the same rate as the digital outputs.
The Data Ready output signal (DR, DRB) switches on external clock falling edge after a prop-
agation delay TDR of typically 1320 ps.
A Master Asynchronous Reset input command DRRB (ECL compatible single-ended input) is
available for initializing the differential Data Ready output signal (DR, DRB). This feature is
mandatory in certain applications using interleaved ADCs or using a single ADC with demulti-
plexed outputs. Actually, without Data Ready signal initialization, it is impossible to store the
output digital datas in a defined order.
Principle of Data
Ready Signal
Control by DRRB
Input Command
Data Ready Output
Signal Reset
The Data Ready signal is reset on falling edge of DRRB input command, on ECL logical low
level (-1.8V). DRRB may also be tied to V
EE = -5V for Data Ready output signal Master Reset.
So long DRRB remains at logical low level, (or tied to V
EE = -5V), the Data Ready output
remains at logical zero and is independant of the external free running encoding clock.
The Data Ready output signal (DR, DRB) is reset to logical zero after TRDR = 920 ps typical.
TRDR is measured between the -1.3V point of the falling edge of DRRB input command and
the zero crossing point of the differential Data Ready output signal (DR, DRB).
The Data Ready Reset command may be a pulse of 1 ns minimum time width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com