Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVFS Datasheet(PDF) 51 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 47Page - ATMEL Corporation TS8388BVFS Datasheet HTML 48Page - ATMEL Corporation TS8388BVFS Datasheet HTML 49Page - ATMEL Corporation TS8388BVFS Datasheet HTML 50Page - ATMEL Corporation TS8388BVFS Datasheet HTML 51Page - ATMEL Corporation TS8388BVFS Datasheet HTML 52Page - ATMEL Corporation TS8388BVFS Datasheet HTML 53Page - ATMEL Corporation TS8388BVFS Datasheet HTML 54Page - ATMEL Corporation TS8388BVFS Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
51
TS8388B
2144C–BDC–04/03
TS8388BCGL
CBGA 68
"C" grade
0
°C < Tc; Tj < 90°C
Standard
TS8388BVGL
CBGA 68
"V" grade
-40
°C < Tc; Tj < 110°C
Standard
TSEV8388BF
CQFP 68
Ambient
Prototype
Evaluation board (delivered
with heatsink)
TSEV8388BFZA2
CQFP 68
Ambient
Prototype
Evaluation board with digital
receivers (delivered with
heatsink)
TSEV8388BGL
CBGA 68
Ambient
Prototype
Evaluation board (delivered
with heatsink)
TSEV8388BGLZA2
CBGA 68
Ambient
Prototype
Evaluation board with digital
receivers (delivered with
heatsink)
Table 11. Ordering Information
Part Number
Package
Temperature Range
Screening
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com