Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVFS Datasheet(PDF) 36 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 32Page - ATMEL Corporation TS8388BVFS Datasheet HTML 33Page - ATMEL Corporation TS8388BVFS Datasheet HTML 34Page - ATMEL Corporation TS8388BVFS Datasheet HTML 35Page - ATMEL Corporation TS8388BVFS Datasheet HTML 36Page - ATMEL Corporation TS8388BVFS Datasheet HTML 37Page - ATMEL Corporation TS8388BVFS Datasheet HTML 38Page - ATMEL Corporation TS8388BVFS Datasheet HTML 39Page - ATMEL Corporation TS8388BVFS Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
36
TS8388B
2144C–BDC–04/03
Figure 38. Differential Output: 50
Ω Terminated
Figure 39. Differential Output: Open Loaded
Out of Range Bit
An Out of Range (OR, ORB) bit is provided that goes to logical high state when the input
exceeds the positive full scale or falls below the negative full scale.
When the analog input exceeds the positive full scale, the digital output datas remain at high
logical state, with (OR, ORB) at logical one.
When the analog input falls below the negative full scale, the digital outputs remain at logical
low state, with (OR, ORB) at logical one again.
Gray or Binary
Output Data
Format Select
The TS8388B internal regeneration latches indecision (for inputs very close to latches thresh-
old) may produce errors in the logic encoding circuitry and leading to large amplitude output
errors.
This is due to the fact that the latches are regenerating the internal analog residues into logical
states with a finite voltage gain value (Av) within a given positive amount of time
∆(t):
Av = exp(
∆(t)/τ), with τ the positive feedback regeneration time constant.
The TS8388B has been designed for reducing the probability of occurrence of such errors to
approximately 10-13 (targeted for the TS8388B at 1 GSPS).
1.6V
75
Ω
75
Ω
-
+
11 mA
DVEE
50
Ω
50
Ω
impedance
Out
OutB
50
Ω
50
Ω
1.38V/1.05V
10 nF
Differential output:
+0.33V = 0.660V
1.05V/1.38V
Common mode level: -1.2V
(-1.2V below VPLUSD level)
VPLUSD = 2.4V
1.6V
75
Ω
75
Ω
-
+
11 mA
DVEE
75
Ω
75
Ω
impedance
Out
OutB
1.6V/0.8V
Differential output:
+0.8V = 1.6V
0.8V/1.6V
Common mode level: -1.2V
(-1.2V below VPLUSD level)
VPLUSD = 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com