Electronic Components Datasheet Search
  English  ▼

X  

TS8388BVFS Datasheet(PDF) 34 Page - ATMEL Corporation

Part # TS8388BVFS
Description  ADC 8-bit 1 GSPS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BVFS Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button TS8388BVFS Datasheet HTML 30Page - ATMEL Corporation TS8388BVFS Datasheet HTML 31Page - ATMEL Corporation TS8388BVFS Datasheet HTML 32Page - ATMEL Corporation TS8388BVFS Datasheet HTML 33Page - ATMEL Corporation TS8388BVFS Datasheet HTML 34Page - ATMEL Corporation TS8388BVFS Datasheet HTML 35Page - ATMEL Corporation TS8388BVFS Datasheet HTML 36Page - ATMEL Corporation TS8388BVFS Datasheet HTML 37Page - ATMEL Corporation TS8388BVFS Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
34
TS8388B
2144C–BDC–04/03
Differential Output Loading Configurations (Levels for ECL Compatibility)
Figure 34. Differential Output: 75
Ω Terminated
Figure 35. Differential Output: 50
Ω Terminated
-0.8V
75
Ω
75
Ω
-
+
11 mA
DVEE
75
Ω
75
Ω
impedance
Out
OutB
75
Ω
75
Ω
-1V/-1.41V
10 nF
Differential output:
+0.41V = 0.825V
-1.41V/-1V
Common mode level: -1.2V
(-1.2V below VPLUSD level)
VPLUSD = 0V
-0.8V
75
Ω
75
Ω
-
+
11 mA
DVEE
50
Ω
50
Ω
impedance
Out
OutB
50
Ω
50
Ω
-1.02V/-1.35V
10 nF
Differential output:
+0.33V = 0.660V
-1.35V/-1.02V
Common mode level: -1.2V
(-1.2V below VPLUSD level)
VPLUSD = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com