Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA231 Datasheet HTML 24Page - Texas Instruments INA231 Datasheet HTML 25Page - Texas Instruments INA231 Datasheet HTML 26Page - Texas Instruments INA231 Datasheet HTML 27Page - Texas Instruments INA231 Datasheet HTML 28Page - Texas Instruments INA231 Datasheet HTML 29Page - Texas Instruments INA231 Datasheet HTML 30Page - Texas Instruments INA231 Datasheet HTML 31Page - Texas Instruments INA231 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
INA231
GND
BUS
ADC
V
I
A0
A1
ALERT
SDA
SCL
C
0.1 F
BYPASS
m
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0 V to 28 V)
28
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The INA231 is a digital current shunt monitor with an I2C- and SMBus-compatible interface. This device provides
digital current, voltage, and power readings necessary for accurate decision-making in precisely-controlled
systems. Programmable registers allow flexible configuration for measurement resolution, as well as continuous-
versus-triggered operation. Detailed register information appears towards the end of this data sheet, beginning
with Table 3. See Figure 20 for a block diagram of the INA231.
Figure 27 shows a typical application circuit for the INA231. For power-supply bypassing, place a 0.1-μF ceramic
capacitor as close as possible to the supply and ground pins.
Figure 27. High- or Low-Side Sensing
9.1.1 Filtering and Input Considerations
Measuring current is often a noisy task, and such noise can be difficult to define. The INA231 offers several
options for filtering by allowing the conversion times and number of averages to be independently selected in the
Configuration register. The conversion times can be independently set for the shunt voltage and bus voltage
measurements to allow added flexibility in configuring the monitoring of the power-supply bus.
The internal ADC is based on a delta-sigma (ΔΣ) front-end with a 500-kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling
rate harmonics can cause problems. These signals are at 1 MHz and higher; therefore, manage them by
incorporating filtering at the input of the INA231. The high frequency enables the use of low-value series resistors
on the filter with negligible effects on measurement accuracy. In general, filtering the INA231 input is only
necessary if there are transients at exact harmonics of the 500-kHz (±30%) sampling rate (greater than 1 MHz).
Filter using the lowest possible series resistance (typically 10 Ω or less) and a ceramic capacitor. Recommended
values for this capacitor are 0.1 μF to 1.0 μF. Figure 28 shows the INA231 with an additional filter added at the
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com