Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA231 Datasheet HTML 10Page - Texas Instruments INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments INA231 Datasheet HTML 16Page - Texas Instruments INA231 Datasheet HTML 17Page - Texas Instruments INA231 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Number of Conversions
0
200
400
600
800
1000
Conversion Time: 140 s
m
Conversion Time: 1.1ms
Conversion Time: 8.244ms
14
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Averaging and Conversion Time Considerations
The INA231 has programmable conversion times for both the shunt voltage and bus voltage measurements. The
conversion times for these measurements can be selected from as fast as 140 μs to as long as 8.244 ms. The
conversion time settings, along with the programmable averaging mode, allow the INA231 to be configured to
optimize the available timing requirements in a given application. For example, if a system requires that data be
read every 5 ms, the INA231 can be configured with the conversion times set to 588 μs and the averaging mode
set to 4. This configuration results in the data updating approximately every 4.7 ms. The INA231 can also be
configured with a different conversion time setting for the shunt and bus voltage measurements. This type of
approach is common in applications where the bus voltage tends to be relatively stable. This situation allows for
the time spent measuring the bus voltage to be reduced relative to the shunt voltage measurement. The shunt
voltage conversion time can be set to 4.156 ms with the bus voltage conversion time set to 588 μs, and the
averaging mode set to 1. This configuration also results in data updating approximately every 4.7 ms.
There are trade-offs associated with the conversion time settings and the averaging mode used. The averaging
feature can significantly improve the measurement accuracy by effectively filtering the signal. This approach
allows the INA231 to reduce noise in the measurement that may be caused by noise coupling into the signal. A
greater number of averages enables the INA231 to be more effective in reducing the noise component of the
measurement.
The conversion times selected can also have an impact on the measurement accuracy; this effect can be seen in
Figure 22. Multiple conversion times are shown to illustrate the impact of noise on the measurement. In order to
achieve the highest accuracy measurement possible, use a combination of the longest allowable conversion
times and highest number of averages, based on the timing requirements of the system.
Figure 22. Noise vs Conversion Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com