Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments INA231 Datasheet HTML 16Page - Texas Instruments INA231 Datasheet HTML 17Page - Texas Instruments INA231 Datasheet HTML 18Page - Texas Instruments INA231 Datasheet HTML 19Page - Texas Instruments INA231 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Current
BusVoltage
20,000
·
Power =
16
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Programming (continued)
(1)
Conditions: Load = 10 A, VCM = 12 V, RSHUNT = 2 mΩ, and VBUS =11.98 V.
The LSB for the Bus Voltage register (02h) is a fixed 1.25 mV/bit. This fixed value means that the 11.98 V
present at the BUS pin results in a register value of 2570h, or a decimal equivalent of 9584. Note that the MSB of
the Bus Voltage register is always zero because the BUS pin is only able to measure positive voltages.
The Power register (03h) is then calculated by multiplying the decimal value of the Current register, 10000, by
the decimal value of the Bus Voltage register, 9584, and then dividing by 20,000, as defined in Equation 4. For
this example, the result for the Power register is 12B8h, or a decimal equivalent of 4792. Multiplying this result by
the power LSB (25 times the [1 × 10–3 Current_LSB]) results in a power calculation of (4792 × 25 mW/bit), or
119.8 W. The Power register LSB has a fixed ratio to the Current register LSB of 25 W/bit to 1 A/bit. For this
example, a programmed Current register LSB of 1 mA/bit results in a Power register LSB of 25 mW/bit. This ratio
is internally programmed to make sure that the scaling of the power calculation is within an acceptable range. A
manual calculation for the power being delivered to the load would use a bus voltage of 11.98 V (12VCM – 20 mV
shunt drop) multiplied by the load current of 10 A to give a result of 119.8 W.
(4)
Table 1 shows the steps for configuring, measuring, and calculating the values for current and power for this
device.
Table 1. Configure, Measure. and Calculate Example(1)
STEP #
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Step 1
Configuration
00h
4127h
—
—
—
Step 2
Shunt
01h
1F40h
8000
2.5 µV
20m V
Step 3
Bus
02h
2570h
9584
1.25 mV
11.98 V
Step 4
Calibration
05h
A00h
2560
—
—
Step 5
Current
04h
2710h
10000
1 mA
10 A
Step 6
Power
03h
12B8h
4792
25 mW
119.8 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com