Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments INA231 Datasheet HTML 16Page - Texas Instruments INA231 Datasheet HTML 17Page - Texas Instruments INA231 Datasheet HTML 18Page - Texas Instruments INA231 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
ShuntVoltage
CalibrationRegister
2048
·
Current =
Maximum Expected Current
2
15
Current_LSB =
CAL =
0.00512
Current_LSB
R
SHUNT
·
15
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8.5 Programming
An important aspect of the INA231 is that it does not necessarily measure current or power. The INA231
measures both the differential voltage applied between the IN+ and IN– input pins and the voltage applied to the
BUS pin. In order for the INA231 to report both current and power values, both the Current register resolution
and the value of the shunt resistor present in the application that resulted in the differential voltage being
developed must be programmed. The Power register is internally set to be 25 times the programmed least
significant bit of the Current register (Current_LSB). Both the Current_LSB and shunt resistor value are used
when calculating the Calibration register value. The INA231 uses this value to calculate the corresponding
current and power values based on the measured shunt and bus voltages.
The Calibration register is calculated based on Equation 1. This equation includes the term Current_LSB, the
programmed value for the LSB for the Current register. This is the value used to convert the value in the Current
register to the actual current in amps. The highest resolution for the Current register can be obtained by using
the smallest allowable Current_LSB based on the maximum expected current, as shown in Equation 2. While this
value yields the highest resolution, it is common to select a value for the Current_LSB to the nearest round
number above this value to simplify the conversion of the Current register and Power register to amps and watts,
respectively. RSHUNT is the value of the external shunt used to develop the differential voltage across the input
pins. The 0.00512 value in Equation 1 is an internal fixed value used to make sure that scaling is properly
maintained.
(1)
(2)
After the Calibration register has been programmed, the Current register and Power register are updated
accordingly based on the corresponding shunt voltage and bus voltage measurements. Until the Calibration
register is programmed, the Current and Power registers remain at zero.
8.5.1 Configure, Measure, and Calculate Example
In this example, shown in Figure 29, a nominal 10-A load creates a differential voltage of 20 mV across a 2-mΩ
shunt resistor. The bus voltage for the INA231 is measured at the external BUS input pin; in this example, BUS
is connected to the IN– pin to measure the voltage level delivered to the load. For this example, the BUS pin
measures less than 12 V because the voltage at the IN– pin is 11.98 V as a result of the voltage drop across the
shunt resistor.
For this example, assuming a maximum expected current of 15 A, the Current_LSB is calculated to be 457.7
μA/bit using Equation 2. Using a value of 500 μA/bit or 1 mA/bit for the Current_LSB significantly simplifies the
conversion from the Current register and Power register to amps and watts, respectively. For this example, a
value of 1 mA/bit was chosen for the Current register LSB. Using this value for the Current_LSB trades a small
amount of resolution for a simpler conversion process on the processor side. Using Equation 1 in this example
with a current LSB of 1 mA/bit and a shunt resistor of 2 mΩ results in a Calibration register value of 2560, or
A00h.
The Current register (04h) is then calculated by multiplying the decimal value of the Shunt Voltage register
contents by the decimal value of the Calibration register and then dividing by 2048, as shown in Equation 3. For
this example, the Shunt Voltage register value of 8000 is multiplied by the Calibration register value of 2560 and
then divided by 2048 to yield a decimal value for the Current register of 10000, or 2710h. Multiplying this value
by 1 mA/bit results in the original 10-A level stated in the example.
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com