Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA231 Datasheet HTML 26Page - Texas Instruments INA231 Datasheet HTML 27Page - Texas Instruments INA231 Datasheet HTML 28Page - Texas Instruments INA231 Datasheet HTML 29Page - Texas Instruments INA231 Datasheet HTML 30Page - Texas Instruments INA231 Datasheet HTML 31Page - Texas Instruments INA231 Datasheet HTML 32Page - Texas Instruments INA231 Datasheet HTML 33Page - Texas Instruments INA231 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
GND
BUS
ADC
V
I
A0
ALERT
A1
SDA
SCL
C
0.1 F
BYPASS
m
10A
Load
Alert Register
V
(Supply Voltage)
S
+12-V Supply
IN-
IN+
R
2 m
SHUNT
W
30
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
9.2 Typical Applications
Figure 29. Monitoring a 10-A Load
9.2.1 Design Requirements
The INA231 measures the voltage developed across a current-sensing resistor (RSHUNT) when current passes
through the resistor. The device also measures the bus supply voltage, and calculates power when calibrated.
The INA231 comes with alert capability, where the alert pin can be programmed to respond to a user-defined
event, or to a conversion-ready notification. This design illustrates the ability of the alert pin to respond to a set
threshold. In this case, a 10 A are pulled through a 2-mΩ shunt resistor, generating a 20-mV shunt voltage drop
that is measured by the INA231. The bus supply is 12 V, and the BUS pin is tied to the IN– pin, so that the
power loss through the shunt resistor, however small, is not added to the power calculation performed by the
INA231. This configuration provides an accurate measurement the power dissipated by the load.
9.2.2 Detailed Design Procedure
The ALERT pin can be configured to respond to one of the five alert functions described in the ALERT Pin
section. The ALERT pin must to be pulled up to the VS pin voltage using a pull-up resistor. The Configuration
register is set based on the required conversion time and averaging. The Mask/Enable register is set to identify
the required alert function and the Alert Limit register is set to the limit value used for comparison.
9.2.3 Application Curves
Figure 30 shows the ALERT pin response to a shunt overvoltage of 50 mV for a conversion time (tCT) of 140 μs.
and averaging set to 1. Figure 31 shows the response for the same limit, but with the conversion time reduced to
1.1 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com