Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA231 Datasheet HTML 8Page - Texas Instruments INA231 Datasheet HTML 9Page - Texas Instruments INA231 Datasheet HTML 10Page - Texas Instruments INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments INA231 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Current Limit Detect Following
Every Shunt Voltage Conversion
Bus and Power Limit Detect
Following Every Bus Voltage Conversion
Power Average
Bus Voltage Average
Shunt Voltage Average
12
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 21. Power Calculation Scheme
In addition to the current and power accumulating after every sample, the shunt and bus voltage measurements
are also collected. After all of the samples have been measured and the corresponding current and power
calculations have been made, the accumulated average for each of these parameters is then loaded to the
corresponding output registers where they can then be read.
8.3.1.2 ALERT Pin
The INA231 has a single Alert Limit register (07h) that allows the ALERT pin to be programmed to respond to a
single user-defined event or to a conversion ready notification if desired. The Mask/Enable register allows for
selection from one of the five available functions to monitor and set the conversion ready bit (CNVR,
Mask/Enable register) to control the response of the ALERT pin. Based on the function being monitored, a value
would then be entered into the Alert Limit register to set the corresponding threshold value that asserts the
ALERT pin.
The ALERT pin allows for one of several available alert functions to be monitored to determine if a user-defined
threshold has been exceeded. The five alert functions that can be monitored are:
•
Shunt voltage overlimit (SOL)
•
Shunt voltage underlimit (SUL)
•
Bus voltage overlimit (BOL)
•
Bus voltage underlimit (BUL)
•
Power overlimit (POL)
The ALERT pin is an open-drain output. This pin is asserted when the alert function selected in the Mask/Enable
register exceeds the value programmed into the Alert Limit register. Only one of these alert functions can be
enabled and monitored at a time. If multiple alert functions are enabled, the selected function in the highest
significant bit position takes priority and responds to the Alert Limit register value. For example, if the SOL and
the SUL are both selected, the ALERT pin asserts when the Shunt Voltage Over Limit register exceeds the value
in the Alert Limit register.
The conversion-ready state of the device can also be monitored at the ALERT pin to inform the user when the
device has completed the previous conversion and is ready to begin a new conversion. The conversion ready
flag (CVRF) bit can be monitored at the ALERT pin along with one of the alert functions. If an alert function and
the CNVR bit are both enabled for monitoring at the ALERT pin, then after the ALERT pin is asserted, the CVRF
bit (D3) and the AFF bit (D4) in the Mask/Enable register must be read following the alert to determine the
source of the alert. If the conversion ready feature is not desired, and the CNVR bit is not set, the ALERT pin
only responds to an exceeded alert limit based on the alert function enabled.
If the alert function is not used, the ALERT pin can be left floating without impacting the operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com