Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA231 Datasheet HTML 7Page - Texas Instruments INA231 Datasheet HTML 8Page - Texas Instruments INA231 Datasheet HTML 9Page - Texas Instruments INA231 Datasheet HTML 10Page - Texas Instruments INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments INA231 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Feature Description (continued)
The INA231 has two operating modes, continuous and triggered, that determine how the ADC operates after
these conversions. When the INA231 is in the normal operating mode (that is, the MODE bits of the
Configuration register are set to '111'), it continuously converts a shunt voltage reading followed by a bus voltage
reading. After the shunt voltage reading, the current value is calculated based on Equation 3. This current value
is then used to calculate the power result using Equation 4. These values are subsequently stored in an
accumulator, and the measurement and calculation sequence repeats until the number of averages set in the
Configuration register is reached. Note that the current and power calculations are based on the value
programmed into the Calibration register. If the Calibration register is not programmed, the result of the current
and power calculations is zero. Following every sequence, the present set of measured and calculated values
are appended to the previously collected values. After all of the averaging has been completed, the final values
for shunt voltage, bus voltage, current, and power are updated in the corresponding registers and can then be
read. These values remain in the data output registers until they are replaced by the next fully completed
conversion results. Reading the data output registers does not affect a conversion in progress.
The mode control bits in the Configuration register also permit selecting specific modes to convert only the shunt
voltage or the bus voltage in order to further allow the monitoring function configuration to fit specific application
requirements.
All current and power calculations are performed in the background and do not contribute to conversion time.
In triggered mode, writing any of the triggered convert modes into the Configuration register (that is, the MODE
bits of the Configuration register are set to 001, 010, or 011) triggers a single-shot conversion. This action
produces a single set of measurements. To trigger another single-shot conversion, the Configuration register
must be written to again, even if the mode does not change.
In addition to the two operating modes (continuous and triggered), the INA231 also has a power-down mode that
reduces the quiescent current and turns off current into the INA231 inputs, which reduces the impact of supply
drain when the device is not being used. Full recovery from power-down mode requires 40 ms. The registers of
the INA231 can be written to and read from while the device is in power-down mode. The device remains in
power-down mode until one of the active modes settings are written into the Configuration register.
Although the INA231 can be read at any time, and the data from the last conversion remain available, the
conversion ready flag bit (CVRF bit, Mask/Enable register) is provided to help coordinate single-shot or triggered
conversions. The CVRF bit is set after all conversions, averaging, and multiplication operations are complete for
a single cycle.
The CVRF bit clears under these conditions:
1. Writing to the Configuration register, except when configuring the MODE bits for power-down mode; or
2. Reading the Status register.
8.3.1.1 Power Calculation
The current and power are calculated after shunt voltage and bus voltage measurements, as shown in Figure 21.
The current is calculated after a shunt voltage measurement based on the value set in the Calibration register. If
there is no value loaded into the Calibration register, the current value stored is zero. Power is calculated
following the bus voltage measurement based on the previous current calculation and bus voltage measurement.
If there is no value loaded in the Calibration register, the power value stored is also zero. These calculations are
performed in the background and do not add to the overall conversion time. These current and power values are
considered intermediate results (unless the averaging is set to 1) and are stored in an internal accumulation
register, not the corresponding output registers. Following every measured sample, the newly-calculated values
for current and power are appended to this accumulation register until all of the samples have been measured
and averaged based on the number of averages set in the Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com