Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 41 Page - Texas Instruments

Back Button INA231 Datasheet HTML 36Page - Texas Instruments INA231 Datasheet HTML 37Page - Texas Instruments INA231 Datasheet HTML 38Page - Texas Instruments INA231 Datasheet HTML 39Page - Texas Instruments INA231 Datasheet HTML 40Page - Texas Instruments INA231 Datasheet HTML 41Page - Texas Instruments INA231 Datasheet HTML 42Page - Texas Instruments INA231 Datasheet HTML 43Page - Texas Instruments INA231 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.175
0.125
1.2
TYP
0.8
TYP
12X
0.243
0.226
0.4
TYP
0.4
TYP
B
E
A
D
4223364/A 10/2016
DSBGA - 0.4 mm max height
YFD0012
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
3
0.05 C
BALL A1
CORNER
SEATING PLANE
BALL TYP
D
C
B
A
1
2
0.015
C A B
SCALE 8.000
D: Max =
E: Max =
1.675 mm, Min =
1.418 mm, Min =
1.614 mm
1.358 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com