Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA231 Datasheet HTML 25Page - Texas Instruments INA231 Datasheet HTML 26Page - Texas Instruments INA231 Datasheet HTML 27Page - Texas Instruments INA231 Datasheet HTML 28Page - Texas Instruments INA231 Datasheet HTML 29Page - Texas Instruments INA231 Datasheet HTML 30Page - Texas Instruments INA231 Datasheet HTML 31Page - Texas Instruments INA231 Datasheet HTML 32Page - Texas Instruments INA231 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
´
Power Register
Current Register
I C
2
Interface
Voltage Register
GND
BUS
ADC
V
I
A0
ALERT
A1
SDA
SCL
C
0.1 F
BYPASS
m
Load
Alert Register
V
(Supply Voltage)
S
Power Supply
(0 V to 28 V)
R
10
FILTER
W
£
R
10
FILTER
W
£
C
0.1 F to 1 F
Ceramic
Capacitor
FILTER
m
m
IN-
IN+
29
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Application Information (continued)
Figure 28. INA231 With Input Filtering
Overload conditions are another consideration for the INA231 inputs. The INA231 inputs are specified to tolerate
30 V across the inputs. A large differential scenario might be a short to ground on the load side of the shunt. This
type of event can result in full power-supply voltage across the shunt (as long as the power supply or energy
storage capacitors support it). Keep in mind that removing a short to ground can result in inductive kickbacks that
could exceed the 30-V differential and common-mode rating of the INA231. Inductive kickback voltages are best
controlled by zener-type transient-absorbing devices (commonly called transzorbs) combined with sufficient
energy storage capacitance.
In applications that do not have large energy-storage electrolytics on one or both sides of the shunt, an input
overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard physical short
is the most likely cause of this event, particularly in applications with no large electrolytics present. This problem
occurs because an excessive dV/dt can activate the ESD protection in the INA231 in systems where large
currents are available. Testing has demonstrated that the addition of 10-Ω resistors in series with each input of
the INA231 sufficiently protect the inputs against this dV/dt failure up to the 30-V rating of the INA231. Selecting
these resistors in the range noted has minimal effect on accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com