Electronic Components Datasheet Search
  English  ▼

X  

HT45F3520 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
Rev. 1.10
48
De�e��e� 1�� �01�
Rev. 1.10
49
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
• SMOD1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
FSYSON
—
—
—
—
LVRF
—
WRF
R/W
R/W
—
—
—
—
R/W
—
R/W
POR
0
—
—
—
—
x
—
0
"x" unknown
Bit7
FSYSON:fSYSControlinIDLEMode
Describeelsewhere
Bit6~3
Unimplemented,readas"0"
Bit2
LVRF:LVRfunctionresetflag
0:Notoccur
1:Occurred
Thisbitcanbeclearto"0",butcannotbesetto"1".
Bit1
Unimplemented,readas"0"
Bit0
WRF:WDTControlregistersoftwareresetflag
Describeelsewhere
Watchdog Time-out Reset during Normal Operation
TheWatchdogtime-outResetduringnormaloperationisthesameasanLVRresetexceptthatthe
Watchdogtime-outflagTOwillbesetto"1".
WDT Ti�e-out
Inte�nal Reset
tRSTD + tSST
WDT Time-out Reset during Normal Operation Timing Chart
Watchdog Time-out Reset during SLEEP or IDLE Mode
TheWatchdogtime-outResetduringSLEEPorIDLEModeisalittledifferentfromotherkinds
ofreset.MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStack
Pointerwillbeclearedto"0"andtheTOflagwillbesetto"1".RefertotheA.C.Characteristicsfor
tSSTdetails.
WDT Ti�e-out
Inte�nal Reset
tSST
WDT Time-out Reset during SLEEP or IDLE Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com