Electronic Components Datasheet Search
  English  ▼

X  

HT45F3520 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
Rev. 1.10
9�
De�e��e� 1�� �01�
Rev. 1.10
97
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Bit4
ADRFS:A/Doutputdataformatselectionbit
0:ADCoutputdataformatàSADOH=D[11:4];SADOL=D[3:0]
1:ADCoutputdataformatàSADOH=D[11:8];SADOL=D[7:0]
Thisbitcontrolstheformatofthe12-bitconvertedA/DvalueinthetwoA/Ddata
registers.DetailsareprovidedintheA/Dconverterdataregistersection.
Bit3~0
SACS3~SACS0:ADCinputchannelsselection
HT45F3520:
0000:ADCinputchannelcomesfromAN0
0001:ADCinputchannelcomesfromAN1
0010:ADCinputchannelcomesfromAN2
0011:ADCinputchannelcomesfromAN3
Othervalues:ADCinputisfloating
HT45F3530:
0000:ADCinputchannelcomesfromAN0
0001:ADCinputchannelcomesfromAN1
0010:ADCinputchannelcomesfromAN2
0011:ADCinputchannelcomesfromAN3
0100:ADCinputchannelcomesfromAN4
0101:ADCinputchannelcomesfromAN5
0110:ADCinputchannelcomesfromAN6
0111:ADCinputchannelcomesfromAN7
Othervalues:ADCinputisfloating
SADC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SAINS�
SAINS�
SAINS1
SAINS0
—
SACKS� SACKS1 SACKS0
R/W
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
0
0
0
0
—
0
0
0
Bit7~4
SAINS3~SAINS0:InternalADCinputchannelselectionbit
0000:ADCinputonlycomesfromexternalpin
0001:ADCinputonlycomesfromVDD
0010:ADCinputonlycomesfromVDD/2
0011:ADCinputonlycomesfromVDD/4
0100:ADCinputonlycomesfromexternalpin
0101:ADCinputonlycomesfromVR
0110:ADCinputonlycomesfromVR/2
0111:ADCinputonlycomesfromVR/4
1000:ADCinputgrounding(unused)
1001:ADCinputgrounding(unused)
1010:ADCinputgrounding(unused)
1011:ADCinputgrounding(unused)
OtherValues:ADCinputonlycomesfromexternalpin
Note:VRisPGAoutputvoltage.
Bit3
Unimplemented,readas"0"
Bit2~0
SACKS2~SACKS0:ADCclockrateselectionbit
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:fSYS/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com