Electronic Components Datasheet Search
  English  ▼

X  

HT45F3520 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
Rev. 1.10
8�
De�e��e� 1�� �01�
Rev. 1.10
87
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Counter Value
0x3FF
CCRP
CCRA
PTON
PTPAU
PTPOL
CCRP Int. Flag
PTMPF
CCRA Int. Flag
PTMAF
PTM O/P
Pin
Time
CCRA=0
CCRA = 0
Counter overflow
CCRA > 0 Counter cleared by CCRA value
Pause
Resume
Stop
Counter Restart
PTCCLR = 1; PTM [1:0] = 00
Output pin set to
initial Level Low
if PTOC=0
Output Toggle with
PTMAF flag
Note PTIO [1:0] = 10
Active High Output select
Here PTIO [1:0] = 11
Toggle Output select
Output not affected by
PTMAF flag. Remains High
until reset by PTON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when PTPOL is high
PTMPF not
generated
No PTMAF flag
generated on
CCRA overflow
Output does
not change
Compare Match Output Mode – PTCCLR=1
Note:1.WithPTCCLR=1aComparatorAmatchwillclearthecounter
2.ThePTMoutputpiniscontrolledonlybythePTMAFflag
3.TheoutputpinisresettoitsinitialstatebyaPTONbitrisingedge
4.APTMPFflagisnotgeneratedwhenPTCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com