Electronic Components Datasheet Search
  English  ▼

X  

HT45F3520 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
Rev. 1.10
44
De�e��e� 1�� �01�
Rev. 1.10
45
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Entering the IDLE0 Mode
ThereisonlyonewayforthedevicestoentertheIDLE0Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto"1"andthe
FSYSONbitinSMOD1registerequalto"0".Whenthisinstructionisexecutedundertheconditions
describedabove,thefollowingwilloccur:
• Thesystemclockwillbestoppedandtheapplicationprogramwillstopatthe"HALT"instruc-
tion,buttheTimeBaseclockwillbeon.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandresumecounting.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.
Entering the IDLE1 Mode
ThereisonlyonewayforthedevicestoentertheIDLE1Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto"1"andthe
FSYSONbitinSMOD1registerequalto"1".Whenthisinstructionisexecutedundertheconditions
describedabove,thefollowingwilloccur:
• ThesystemclockandTimeBaseclockwillbeonandtheapplicationprogramwillstopatthe
"HALT"instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandresumecounting.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.
Standby Current Considerations
AsthemainreasonforenteringtheSLEEPorIDLEModeistokeepthecurrentconsumptionof
thedevicestoaslowavalueaspossible,perhapsonlyintheorderofseveralmicro-ampsexcept
intheIDLE1Mode,thereareotherconsiderationswhichmustalsobetakenintoaccountbythe
circuitdesignerifthepowerconsumptionistobeminimised.Specialattentionmustbemadeto
theI/Opinsonthedevices.Allhigh-impedanceinputpinsmustbeconnectedtoeitherafixed
highorlowlevelasanyfloatinginputpinscouldcreateinternaloscillationsandresultinincreased
currentconsumption.Thisalsoappliestodeviceswhichhavedifferentpackagetypes,astheremay
beunbonbedpins.Thesemusteitherbesetupasoutputsorifsetupasinputsmusthavepull-high
resistorsconnected.
Caremustalsobetakenwiththeloads,whichareconnectedtoI/Opins,whicharesetupas
outputs.Theseshouldbeplacedinaconditioninwhichminimumcurrentisdrawnorconnected
onlytoexternalcircuitsthatdonotdrawcurrent,suchasotherCMOSinputs.IntheIDLE1Mode
thesystemoscillatorison,ifthesystemoscillatorisfromthehighspeedsystemoscillator,the
additionalstandbycurrentwillalsobeperhapsintheorderofseveralhundredmicro-amps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com