Electronic Components Datasheet Search
  English  ▼

X  

HT45F3520 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F3520
Description  Personal Care Flash MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3520 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F3520 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F3520 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
Rev. 1.10
8
De�e��e� 1�� �01�
Rev. 1.10
9
De�e��e� 1�� �01�
HT45F3520/HT45F3530
Personal Care Flash MCU
HT45F3520/HT45F3530
Personal Care Flash MCU
Selection Table
Mostfeaturesarecommontothesedevices,themainfeaturesdistinguishingthemareMemory
capacity,I/Ocount,externalinterruptcount,A/Dconverterchannelcount,LCDdrivingfunction
andthepackagetypes.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
ROM
RAM
EEPROM
I/O
Ext. Int.
A/D
HT45F�5�0 �.�V~5.5V
1K×14
�4×8
��×8
1�
1
1�-�it×4
HT45F�5�0 �.�V~5.5V
�K×15
1�8×8
�4×8
�1
�
1�-�it×8
Part No.
DC/DC
LCD Driver Timer Module Time Base
Stack
Package
HT45F�5�0
√
—
10-�it PTM×1
10-�it STM×1
�
4
1�NSOP
HT45F�5�0
√
4-SCOM
10-�it PTM×1
10-�it STM×1
�
4
�4SSOP
Pin Assignment
PA�/INT0
PA5/STPI/STP
PA4/STCK/PTCK
PA�/AN�/VREF/VREFI
PA7
PB0
PB1
PB�
PB�
PA�/AN�/ICPCK/OCDSCK
1�
15
14
1�
1�
11
10
9
1
�
�
4
5
�
7
8
PA1/AN1
PA0/AN0/ICPDA/OCDSDA
VSS
PB4/PTPI/PTP
VDD/VOUT
LX
HT45F3520/HT45V3520
16 NSOP-A
PA�/INT0/AN�
PA5/STPI/STP/AN5
PA4/STCK/PTCK/[INT1]/AN4
PC�/SCOM�
PA7/AN7
PB0/INT1
PB1
PB�
PB7
PA�/AN�/ICPCK/OCDSCK
PA1/AN1
PA0/AN0/ICPDA/OCDSDA
VSS
PC4/PTPI/PTP
VDD/VOUT
LX
PC�/SCOM�
PC1/SCOM1
PB�
PB4
�4
��
��
�1
�0
19
18
17
1�
15
14
1�
1
�
�
4
5
�
7
8
9
10
11
1�
PC0/SCOM0
PA�/AN�/VREF/VREFI
PB5
PB�
HT45F3530/HT45V3530
24 SSOP-A
Note:1.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,thedesiredpin-shared
functionisdeterminedbythecorrespondingsoftwarecontrolbits.
2.TheOCDSDAandOCDSCKpinsaresuppliedfortheOCDSdedicatedpinsandassuch
areonlyavailablefortheHT45V3520andHT45V3530EVdevices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com