Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 41Page - Renesas Technology Corp RX231 Datasheet HTML 42Page - Renesas Technology Corp RX231 Datasheet HTML 43Page - Renesas Technology Corp RX231 Datasheet HTML 44Page - Renesas Technology Corp RX231 Datasheet HTML 45Page - Renesas Technology Corp RX231 Datasheet HTML 46Page - Renesas Technology Corp RX231 Datasheet HTML 47Page - Renesas Technology Corp RX231 Datasheet HTML 48Page - Renesas Technology Corp RX231 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 45 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 240Ch
DTC
DTC Module Start Register
DTCST
8
8
2 ICLK
0008 240Eh
DTC
DTC Status Register
DTCSTS
16
16
2 ICLK
0008 3002h
BSC
CS0 Mode Register
CS0MOD
16
16
1 or 2 BCLK
0008 3004h
BSC
CS0 Wait Control Register 1
CS0WCR1
32
32
1 or 2 BCLK
0008 3008h
BSC
CS0 Wait Control Register 2
CS0WCR2
32
32
1 or 2 BCLK
0008 3012h
BSC
CS1 Mode Register
CS1MOD
16
16
1 or 2 BCLK
0008 3014h
BSC
CS1 Wait Control Register 1
CS1WCR1
32
32
1 or 2 BCLK
0008 3018h
BSC
CS1 Wait Control Register 2
CS1WCR2
32
32
1 or 2 BCLK
0008 3022h
BSC
CS2 Mode Register
CS2MOD
16
16
1 or 2 BCLK
0008 3024h
BSC
CS2 Wait Control Register 1
CS2WCR1
32
32
1 or 2 BCLK
0008 3028h
BSC
CS2 Wait Control Register 2
CS2WCR2
32
32
1 or 2 BCLK
0008 3032h
BSC
CS3 Mode Register
CS3MOD
16
16
1 or 2 BCLK
0008 3034h
BSC
CS3 Wait Control Register 1
CS3WCR1
32
32
1 or 2 BCLK
0008 3038h
BSC
CS3 Wait Control Register 2
CS3WCR2
32
32
1 or 2 BCLK
0008 3802h
BSC
CS0 Control Register
CS0CR
16
16
1 or 2 BCLK
0008 380Ah
BSC
CS0 Recovery Cycle Register
CS0REC
16
16
1 or 2 BCLK
0008 3812h
BSC
CS1 Control Register
CS1CR
16
16
1 or 2 BCLK
0008 381Ah
BSC
CS1 Recovery Cycle Register
CS1REC
16
16
1 or 2 BCLK
0008 3822h
BSC
CS2 Control Register
CS2CR
16
16
1 or 2 BCLK
0008 382Ah
BSC
CS2 Recovery Cycle Register
CS2REC
16
16
1 or 2 BCLK
0008 3832h
BSC
CS3 Control Register
CS3CR
16
16
1 or 2 BCLK
0008 383Ah
BSC
CS3 Recovery Cycle Register
CS3REC
16
16
1 or 2 BCLK
0008 3880h
BSC
CS Recovery Cycle Insertion Enable Register
CSRECEN
16
16
1 or 2 BCLK
0008 6400h
MPU
Region-0 Start Page Number Register
RSPAGE0
32
32
1 ICLK
0008 6404h
MPU
Region-0 End Page Number Register
REPAGE0
32
32
1 ICLK
0008 6408h
MPU
Region-1 Start Page Number Register
RSPAGE1
32
32
1 ICLK
0008 640Ch
MPU
Region-1 End Page Number Register
REPAGE1
32
32
1 ICLK
0008 6410h
MPU
Region-2 Start Page Number Register
RSPAGE2
32
32
1 ICLK
0008 6414h
MPU
Region-2 End Page Number Register
REPAGE2
32
32
1 ICLK
0008 6418h
MPU
Region-3 Start Page Number Register
RSPAGE3
32
32
1 ICLK
0008 641Ch
MPU
Region-3 End Page Number Register
REPAGE3
32
32
1 ICLK
0008 6420h
MPU
Region-4 Start Page Number Register
RSPAGE4
32
32
1 ICLK
0008 6424h
MPU
Region-4 End Page Number Register
REPAGE4
32
32
1 ICLK
0008 6428h
MPU
Region-5 Start Page Number Register
RSPAGE5
32
32
1 ICLK
0008 642Ch
MPU
Region-5 End Page Number Register
REPAGE5
32
32
1 ICLK
0008 6430h
MPU
Region-6 Start Page Number Register
RSPAGE6
32
32
1 ICLK
0008 6434h
MPU
Region-6 End Page Number Register
REPAGE6
32
32
1 ICLK
0008 6438h
MPU
Region-7 Start Page Number Register
RSPAGE7
32
32
1 ICLK
0008 643Ch
MPU
Region-7 End Page Number Register
REPAGE7
32
32
1 ICLK
0008 6500h
MPU
Memory-Protection Enable Register
MPEN
32
32
1 ICLK
0008 6504h
MPU
Background Access Control Register
MPBAC
32
32
1 ICLK
0008 6508h
MPU
Memory-Protection Error Status-Clearing Register
MPECLR
32
32
1 ICLK
0008 650Ch
MPU
Memory-Protection Error Status Register
MPESTS
32
32
1 ICLK
0008 6514h
MPU
Data Memory-Protection Error Address Register
MPDEA
32
32
1 ICLK
0008 6520h
MPU
Region Search Address Register
MPSA
32
32
1 ICLK
0008 6524h
MPU
Region Search Operation Register
MPOPS
16
16
1 ICLK
0008 6526h
MPU
Region Invalidation Operation Register
MPOPI
16
16
1 ICLK
0008 6528h
MPU
Instruction-Hit Region Register
MHITI
32
32
1 ICLK
0008 652Ch
MPU
Data-Hit Region Register
MHITD
32
32
1 ICLK
0008 7010h
ICU
Interrupt Request Register 016
IR016
8
8
2 ICLK
0008 7017h
ICU
Interrupt Request Register 023
IR023
8
8
2 ICLK
0008 701Bh
ICU
Interrupt Request Register 027
IR027
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (3 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com