Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 87Page - Renesas Technology Corp RX231 Datasheet HTML 88Page - Renesas Technology Corp RX231 Datasheet HTML 89Page - Renesas Technology Corp RX231 Datasheet HTML 90Page - Renesas Technology Corp RX231 Datasheet HTML 91Page - Renesas Technology Corp RX231 Datasheet HTML 92Page - Renesas Technology Corp RX231 Datasheet HTML 93Page - Renesas Technology Corp RX231 Datasheet HTML 94Page - Renesas Technology Corp RX231 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 91 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Figure 5.1
Voltage Dependency in High-Speed Operating Mode (Reference Data)
2.0
2.5
3.0
3.5
4.0
4.5
6.0
5.0
5.5
1.5
VCC (V)
Ta = 105°C, ICLK = 54MHz
*2
Ta = 105°C, ICLK = 32MHz
*2
Ta = 25°C, ICLK = 54MHz
*1
Ta = 25°C, ICLK = 32MHz
*1
Ta = 105°C, ICLK = 16MHz
*2
Ta = 105°C, ICLK = 8MHz
*2
Ta = 25°C, ICLK = 16MHz
*1
Ta = 105°C, ICLK = 4MHz
*2
Ta = 25°C, ICLK = 8MHz
*1
Ta = 25°C, ICLK = 4MHz
*1
50
40
30
20
10
0
60
Ta = 105°C, ICLK = 54MHz
*2
Ta = 25°C, ICLK = 54MHz
*1
Ta = 25°C, ICLK = 32MHz
*1
Ta = 105°C, ICLK = 32MHz
*2
Ta = 25°C, ICLK = 16MHz
*1
Ta = 105°C, ICLK = 16MHz
*2
Ta = 25°C, ICLK = 8MHz
*1
Ta = 105°C, ICLK = 8MHz
*2
Ta = 25°C, ICLK = 4MHz
*1
Ta = 105°C, ICLK = 4MHz
*2
Note 1. All peripheral operations except any BGO operation are operating normally. Indicates the average of the
typical samples through actual measurement during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. Indicates the average of the
upper-limit samples through actual measurement during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com