Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 81Page - Renesas Technology Corp RX231 Datasheet HTML 82Page - Renesas Technology Corp RX231 Datasheet HTML 83Page - Renesas Technology Corp RX231 Datasheet HTML 84Page - Renesas Technology Corp RX231 Datasheet HTML 85Page - Renesas Technology Corp RX231 Datasheet HTML 86Page - Renesas Technology Corp RX231 Datasheet HTML 87Page - Renesas Technology Corp RX231 Datasheet HTML 88Page - Renesas Technology Corp RX231 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 85 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Caution: Permanent damage to the MCU may be caused if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency characteristics between the VCC
and VSS pins, between the AVCC0 and AVSS0 pins, between the VCC_USB and VSS_USB pins, between the VREFH0 and
VREFL0 pins, and between the VREFH and VREFL pins. Place capacitors of about 0.1
μF as close as possible to every power
supply pin and use the shortest and heaviest possible traces.
Connect the VCL pin to a VSS pin via a 4.7
μF capacitor. The capacitor must be placed close to the pin. For details, refer to
section 5.15.1, Connecting VCL Capacitor and Bypass Capacitors.
Do not input signals or an I/O pull-up power supply to ports other than 5-V tolerant ports while the device is not powered.
The current injection that results from input of such a signal or I/O pull-up may cause malfunction and the abnormal current that
passes in the device at this time may cause degradation of internal elements. Even if –0.3 to +6.5 V is input to 5-V tolerant ports,
it will not cause problems such as damage to the MCU.
Note 1. Ports 12, 13, 16, 17, 30, 31, 32, and B5 are 5 V tolerant.
Note 2. The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, refer to section 1.2, List of
Products.
Table 5.1
Absolute Maximum Ratings
Conditions: VSS = AVSS0 = VREFL0 = VREFL= VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +6.5
V
VBATT power supply voltage
Vbatt
–0.3 to +6.5
V
Input voltage
Ports for 5 V tolerant*1
Vin
–0.3 to +6.5
V
P03, P05, P40 to P47
–0.3 to AVCC0 +0.3
Ports other than above
–0.3 to VCC +0.3
Reference power supply voltage
VREFH0
–0.3 to AVCC0 +0.3
V
VREFH
Analog power supply voltage
AVCC0
–0.3 to +6.5
V
Analog input
voltage
When AN000 to AN007 are used
VAN
–0.3 to AVCC0 +0.3
V
When AN016 to AN031 are used
–0.3 to VCC +0.3
Operating temperature*2
Topr
–40 to +85
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com