Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 51Page - Renesas Technology Corp RX231 Datasheet HTML 52Page - Renesas Technology Corp RX231 Datasheet HTML 53Page - Renesas Technology Corp RX231 Datasheet HTML 54Page - Renesas Technology Corp RX231 Datasheet HTML 55Page - Renesas Technology Corp RX231 Datasheet HTML 56Page - Renesas Technology Corp RX231 Datasheet HTML 57Page - Renesas Technology Corp RX231 Datasheet HTML 58Page - Renesas Technology Corp RX231 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 55 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 8112h
TPU0
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
2 ICLK
0008 8113h
TPU0
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
2 ICLK
0008 8114h
TPU0
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8115h
TPU0
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8116h
TPU0
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8118h
TPU0
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 811Ah
TPU0
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
0008 811Ch
TPU0
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
2 ICLK
0008 811Eh
TPU0
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
2 ICLK
0008 8120h
TPU1
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8121h
TPU1
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
0008 8122h
TPU1
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
2 ICLK
0008 8124h
TPU1
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8125h
TPU1
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8126h
TPU1
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8128h
TPU1
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 812Ah
TPU1
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
0008 8130h
TPU2
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8131h
TPU2
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
0008 8132h
TPU2
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
2 ICLK
0008 8134h
TPU2
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8135h
TPU2
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8136h
TPU2
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8138h
TPU2
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 813Ah
TPU2
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
0008 8140h
TPU3
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8141h
TPU3
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
0008 8142h
TPU3
Timer I/O Control Register H
TIORH
8
8
2 or 3 PCLKB
2 ICLK
0008 8143h
TPU3
Timer I/O Control Register L
TIORL
8
8
2 or 3 PCLKB
2 ICLK
0008 8144h
TPU3
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8145h
TPU3
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8146h
TPU3
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8148h
TPU3
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 814Ah
TPU3
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
0008 814Ch
TPU3
Timer General Register C
TGRC
16
16
2 or 3 PCLKB
2 ICLK
0008 814Eh
TPU3
Timer General Register D
TGRD
16
16
2 or 3 PCLKB
2 ICLK
0008 8150h
TPU4
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8151h
TPU4
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
0008 8152h
TPU4
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
2 ICLK
0008 8154h
TPU4
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8155h
TPU4
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8156h
TPU4
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8158h
TPU4
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 815Ah
TPU4
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
0008 8160h
TPU5
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8161h
TPU5
Timer Mode Register
TMDR
8
8
2 or 3 PCLKB
2 ICLK
0008 8162h
TPU5
Timer I/O Control Register
TIOR
8
8
2 or 3 PCLKB
2 ICLK
0008 8164h
TPU5
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
2 ICLK
0008 8165h
TPU5
Timer Status Register
TSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8166h
TPU5
Timer Counter
TCNT
16
16
2 or 3 PCLKB
2 ICLK
0008 8168h
TPU5
Timer General Register A
TGRA
16
16
2 or 3 PCLKB
2 ICLK
0008 816Ah
TPU5
Timer General Register B
TGRB
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (13 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com