Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 8Page - Renesas Technology Corp RX231 Datasheet HTML 9Page - Renesas Technology Corp RX231 Datasheet HTML 10Page - Renesas Technology Corp RX231 Datasheet HTML 11Page - Renesas Technology Corp RX231 Datasheet HTML 12Page - Renesas Technology Corp RX231 Datasheet HTML 13Page - Renesas Technology Corp RX231 Datasheet HTML 14Page - Renesas Technology Corp RX231 Datasheet HTML 15Page - Renesas Technology Corp RX231 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 12 of 177
Oct 30, 2015
RX230 Group, RX231 Group
1. Overview
1.3
Block Diagram
Figure 1.2
shows a block diagram.
Figure 1.2
Block Diagram
Clock
generation
circuit
RX CPU
RAM
ROM
Port 0
Port 1
Port 3
Port 4
12-bit D/A converter × 2 channels
RIICa × 1 channel
DOC
RTCe
MTU2a × 6 channels
12-bit A/D converter × 24 channels
CMT × 2 channels (unit 0)
RSPIa × 1 channel
DTCa
ICUb
CAC
SCIh × 1 channel
Port 5
Port A
Port B
Port C
POE2a
USB 2.0 host/function module
Port 2
Temperature sensor
Port D
Port H
Port J
External bus
DMACA
× 4 channels
Comparator B × 4 channels
TMR × 2 channels (unit 0)
TMR × 2 channels (unit 1)
SSI
CMT × 2 channels (unit 1)
MPU
TPUa × 6 channels
BSC
SCIg × 6 channels
(including IrDA × 1 channel)
E2 DataFlash
CRC
ELC
IWDTa
WDTA
SDHIa
RSCAN
CTSU
LPT
Port E
ICUb:
Interrupt controller
DTCa:
Data transfer controller
DMACA:
DMA controller
BSC:
Bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
ELC:
Event link controller
CRC:
CRC (cyclic redundancy check) calculator
SCIg/SCIh: Serial communications interface
RSPIa:
Serial peripheral interface
SSI:
Serial sound interface
RIICa:
I2C bus interface
TPUa:
16-bit timer pulse unit
MTU2a:
Multi-function timer pulse unit 2
POE2a:
Port output enable 2
CMT:
Compare match timer
RTCe:
Realtime clock
DOC:
Data operation circuit
CAC:
Clock frequency accuracy measurement circuit
CTSU:
Capacitive touch sensing unit
SDHIa:
SD host interface
MPU:
Memory protection unit
TMR:
8-bit timer
RSCAN:
CAN module
LPT:
Low power timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com