Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 68Page - Renesas Technology Corp RX231 Datasheet HTML 69Page - Renesas Technology Corp RX231 Datasheet HTML 70Page - Renesas Technology Corp RX231 Datasheet HTML 71Page - Renesas Technology Corp RX231 Datasheet HTML 72Page - Renesas Technology Corp RX231 Datasheet HTML 73Page - Renesas Technology Corp RX231 Datasheet HTML 74Page - Renesas Technology Corp RX231 Datasheet HTML 75Page - Renesas Technology Corp RX231 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 72 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
000A 0054h
USB0
USB Request Type Register
USBREQ
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0056h
USB0
USB Request Value Register
USBVAL
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0058h
USB0
USB Request Index Register
USBINDX
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 005Ah
USB0
USB Request Length Register
USBLENG
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 005Ch
USB0
DCP Configuration Register
DCPCFG
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 005Eh
USB0
DCP Maximum Packet Size Register
DCPMAXP
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0060h
USB0
DCP Control Register
DCPCTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0064h
USB0
Pipe Window Select Register
PIPESEL
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0068h
USB0
Pipe Configuration Register
PIPECFG
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 006Ch
USB0
Pipe Maximum Packet Size Register
PIPEMAXP
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 006Eh
USB0
Pipe Cycle Control Register
PIPEPERI
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0070h
USB0
PIPE1 Control Register
PIPE1CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0072h
USB0
PIPE2 Control Register
PIPE2CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0074h
USB0
PIPE3 Control Register
PIPE3CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0076h
USB0
PIPE4 Control Register
PIPE4CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0078h
USB0
PIPE5 Control Register
PIPE5CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 007Ah
USB0
PIPE6 Control Register
PIPE6CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 007Ch
USB0
PIPE7 Control Register
PIPE7CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 007Eh
USB0
PIPE8 Control Register
PIPE8CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0080h
USB0
PIPE9 Control Register
PIPE9CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0090h
USB0
PIPE1 Transaction Counter Enable Register
PIPE1TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0092h
USB0
PIPE1 Transaction Counter Register
PIPE1TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0094h
USB0
PIPE2 Transaction Counter Enable Register
PIPE2TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0096h
USB0
PIPE2 Transaction Counter Register
PIPE2TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
Table 4.1
List of I/O Registers (Address Order) (30 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com