Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 63Page - Renesas Technology Corp RX231 Datasheet HTML 64Page - Renesas Technology Corp RX231 Datasheet HTML 65Page - Renesas Technology Corp RX231 Datasheet HTML 66Page - Renesas Technology Corp RX231 Datasheet HTML 67Page - Renesas Technology Corp RX231 Datasheet HTML 68Page - Renesas Technology Corp RX231 Datasheet HTML 69Page - Renesas Technology Corp RX231 Datasheet HTML 70Page - Renesas Technology Corp RX231 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 67 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 C083h
PORT1
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C084h
PORT2
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C085h
PORT2
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C086h
PORT3
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C087h
PORT3
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C08Ah
PORT5
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C08Bh
PORT5
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C094h
PORTA
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C095h
PORTA
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C096h
PORTB
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C097h
PORTB
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C098h
PORTC
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C099h
PORTC
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C09Ch
PORTE
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C09Dh
PORTE
Open Drain Control Register 1
ODR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C0A4h
PORTJ
Open Drain Control Register 0
ODR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C0C0h
PORT0
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0C1h
PORT1
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0C2h
PORT2
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0C3h
PORT3
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0C4h
PORT4
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0C5h
PORT5
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0CAh
PORTA
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0CBh
PORTB
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0CCh
PORTC
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0CDh
PORTD
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0CEh
PORTE
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0D1h
PORTH
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0D2h
PORTJ
Pull-Up Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0E1h
PORT1
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0E2h
PORT2
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0E3h
PORT3
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0E5h
PORT5
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0EAh
PORTA
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0EBh
PORTB
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0ECh
PORTC
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0EDh
PORTD
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0EEh
PORTE
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0F1h
PORTH
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C0F2h
PORTJ
Drive Capacity Control Register
DSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C100h
MPC
CS Output Enable Register
PFCSE
8
8
2 or 3 PCLKB
2 ICLK
0008 C104h
MPC
Address Output Enable Register 0
PFAOE0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C105h
MPC
Address Output Enable Register 1
PFAOE1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C106h
MPC
External Bus Control Register 0
PFBCR0
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C107h
MPC
External Bus Control Register 1
PFBCR1
8
8, 16
2 or 3 PCLKB
2 ICLK
0008 C11Fh
MPC
Write-Protect Register
PWPR
8
8
2 or 3 PCLKB
2 ICLK
0008 C120h
PORT
Port Switching Register B
PSRB
8
8
2 or 3 PCLKB
2 ICLK
0008 C121h
PORT
Port Switching Register A
PSRA
8
8
2 or 3 PCLKB
2 ICLK
0008 C143h
MPC
P03 Pin Function Control Register
P03PFS
8
8
2 or 3 PCLKB
2 ICLK
0008 C145h
MPC
P05 Pin Function Control Register
P05PFS
8
8
2 or 3 PCLKB
2 ICLK
0008 C147h
MPC
P07 Pin Function Control Register
P07PFS
8
8
2 or 3 PCLKB
2 ICLK
0008 C14Ah
MPC
P12 Pin Function Control Register
P12PFS
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (25 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com