Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 94Page - Renesas Technology Corp RX231 Datasheet HTML 95Page - Renesas Technology Corp RX231 Datasheet HTML 96Page - Renesas Technology Corp RX231 Datasheet HTML 97Page - Renesas Technology Corp RX231 Datasheet HTML 98Page - Renesas Technology Corp RX231 Datasheet HTML 99Page - Renesas Technology Corp RX231 Datasheet HTML 100Page - Renesas Technology Corp RX231 Datasheet HTML 101Page - Renesas Technology Corp RX231 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 98 of 177
Oct 30, 2015
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. When OFS1.(FASTSTUP, LVDAS) bits are 11b.
Note 2. When OFS1.(FASTSTUP, LVDAS) bits are 01b.
Note 3. When OFS1.LVDAS bit is 0.
Note 4. Turn on the power supply voltage according to the normal startup rising gradient because the settings in the OFS1 register are
not read in boot mode.
Figure 5.7
Ripple Waveform
Note:
The recommended capacitance is 4.7
μF. Variations in connected capacitors should be within the above range.
Table 5.13
DC Characteristics (11)
Conditions: 0 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Power-on VCC rising
gradient
At normal startup*1
SrVCC
0.02
—
20
ms/V
During fast startup time*2
0.02
—
2
Voltage monitoring 0 reset
enabled at startup*3, *4
0.02
—
—
Table 5.14
DC Characteristics (12)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
The ripple voltage must meet the allowable ripple frequency fr (VCC) within the range between the VCC upper limit and lower limit.
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Allowable ripple frequency
fr (VCC)
—
—
10
kHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change
rising/falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change exceeds VCC ±10%
Table 5.15
DC Characteristics (13)
Conditions: 1.8 V
≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Permissible error of VCL pin external
capacitance
CVCL
1.4
4.7
7.0
μF
Vr(VCC)
VCC
1 / fr(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com