Electronic Components Datasheet Search
  English  ▼

X  

RX231 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # RX231
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX231 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button RX231 Datasheet HTML 67Page - Renesas Technology Corp RX231 Datasheet HTML 68Page - Renesas Technology Corp RX231 Datasheet HTML 69Page - Renesas Technology Corp RX231 Datasheet HTML 70Page - Renesas Technology Corp RX231 Datasheet HTML 71Page - Renesas Technology Corp RX231 Datasheet HTML 72Page - Renesas Technology Corp RX231 Datasheet HTML 73Page - Renesas Technology Corp RX231 Datasheet HTML 74Page - Renesas Technology Corp RX231 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 71 of 177
Oct 30, 2015
RX230 Group, RX231 Group
4. I/O Registers
0008 C586h
CMPB
Comparator B Reference Input Voltage Select Register
CPBREF
8
8
2 or 3 PCLKB
2 ICLK
0008 C587h
CMPB
Comparator B Output Control Register
CPBOCR
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A0h
CMPB
Comparator B1 Control Register 1
CPB1CNT1
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A1h
CMPB
Comparator B1 Control Register 2
CPB1CNT2
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A2h
CMPB
Comparator B1 Flag Register
CPB1FLG
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A3h
CMPB
Comparator B1 Interrupt Control Register
CPB1INT
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A4h
CMPB
Comparator B1 Filter Select Register
CPB1F
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A5h
CMPB
Comparator B1 Mode Select Register
CPB1MD
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A6h
CMPB
Comparator B1 Reference Input Voltage Select Register
CPB1REF
8
8
2 or 3 PCLKB
2 ICLK
0008 C5A7h
CMPB
Comparator B1 Output Control Register
CPB1OCR
8
8
2 or 3 PCLKB
2 ICLK
000A 0000h
USB0
System Configuration Control Register
SYSCFG
16
16
3, 4 PCLKB
2 ICLK
000A 0004h
USB0
System Configuration Status Register 0
SYSSTS0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*2
000A 0008h
USB0
Device State Control Register 0
DVSTCTR0
16
16
9 PCLKB
or more
Rounded up to the
nearest integer
greater than 1 + 9 ×
(frequency ratio of
ICLK/PCLKB)*2
000A 0014h
USB0
CFIFO Port Register
CFIFO
16
16
3, 4 PCLKB
2 ICLK
000A 0018h
USB0
D0FIFO Port Register
D0FIFO
16
16
3, 4 PCLKB
2 ICLK
000A 001Ch
USB0
D1FIFO Port Register
D1FIFO
16
16
3, 4 PCLKB
2 ICLK
000A 0020h
USB0
CFIFO Port Select Register
CFIFOSEL
16
16
3, 4 PCLKB
2 ICLK
000A 0022h
USB0
CFIFO Port Control Register
CFIFOCTR
16
16
3, 4 PCLKB
2 ICLK
000A 0028h
USB0
D0FIFO Port Select Register
D0FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
000A 002Ah
USB0
D0FIFO Port Control Register
D0FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
000A 002Ch
USB0
D1FIFO Port Select Register
D1FIFOSEL
16
16
3, 4 PCLKB
2 ICLK
000A 002Eh
USB0
D1FIFO Port Control Register
D1FIFOCTR
16
16
3, 4 PCLKB
2 ICLK
000A 0030h
USB0
Interrupt Enable Register 0
INTENB0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0032h
USB0
Interrupt Enable Register 1
INTENB1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0036h
USB0
BRDY Interrupt Enable Register
BRDYENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0038h
USB0
NRDY Interrupt Enable Register
NRDYENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 003Ah
USB0
BEMP Interrupt Enable Register
BEMPENB
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 003Ch
USB0
SOF Output Configuration Register
SOFCFG
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0040h
USB0
Interrupt Status Register 0
INTSTS0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0042h
USB0
Interrupt Status Register 1
INTSTS1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0046h
USB0
BRDY Interrupt Status Register
BRDYSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 0048h
USB0
NRDY Interrupt Status Register
NRDYSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 004Ah
USB0
BEMP Interrupt Status Register
BEMPSTS
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
000A 004Ch
USB0
Frame Number Register
FRMNUM
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*2
Table 4.1
List of I/O Registers (Address Order) (29 / 42)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
 PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com