Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 129 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 129 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 125Page - SMSC Corporation FDC37M604 Datasheet HTML 126Page - SMSC Corporation FDC37M604 Datasheet HTML 127Page - SMSC Corporation FDC37M604 Datasheet HTML 128Page - SMSC Corporation FDC37M604 Datasheet HTML 129Page - SMSC Corporation FDC37M604 Datasheet HTML 130Page - SMSC Corporation FDC37M604 Datasheet HTML 131Page - SMSC Corporation FDC37M604 Datasheet HTML 132Page - SMSC Corporation FDC37M604 Datasheet HTML 133Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 182 page
background image
129
Table 54 - Chip Level Registers
REGISTER
ADDRESS
DESCRIPTION
STATE
OSC
Default = 0x04, on
Vcc POR or
Reset_Drv hardware
signal.
0x24 R/W
Bit[0] Reserved
Bit [1] PLL Control
= 0 PLL is on (backward Compatible)
= 1 PLL is off
Bits[3:2] OSC
= 01
Osc is on, BRG clock is on.
= 10
Same as above (01) case.
= 00
Osc is on, BRG Clock Enabled.
= 11
Osc is off, BRG clock is disabled.
Bit [5:4] Reserved, set to zero
Bit [6] 16-Bit Address Qualification
= 0 12-Bit Address Qualification
= 1 16-Bit Address Qualification
Bit[7] Reserved
C
Chip Level
Vendor Defined
0x25
Reserved - Writes are ignored, reads return 0.
Configuration
Address Byte 0
Default
=0xF0 (Sysopt=0)
=0x70 (Sysopt=1)
on Vcc POR or
Reset_Drv
0x26
Bit[7:1] Configuration Address Bits [7:1]
Bit[0] = 0
See Note 1
C
Configuration
Address Byte 1
Default = 0x03
on Vcc POR or
Reset_Drv
0x27
Bit[7:0] Configuration Address Bits [15:8]
See Note 1
C
Default = 0x00
on VCC POR and
Hard Reset
0x28
Bits[7:0] Reserved - Writes are ignored, reads
return 0.
Chip Level
Vendor Defined
0x29 -0x2A
Reserved - Writes are ignored, reads return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com