Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 80 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 80 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 76Page - SMSC Corporation FDC37M604 Datasheet HTML 77Page - SMSC Corporation FDC37M604 Datasheet HTML 78Page - SMSC Corporation FDC37M604 Datasheet HTML 79Page - SMSC Corporation FDC37M604 Datasheet HTML 80Page - SMSC Corporation FDC37M604 Datasheet HTML 81Page - SMSC Corporation FDC37M604 Datasheet HTML 82Page - SMSC Corporation FDC37M604 Datasheet HTML 83Page - SMSC Corporation FDC37M604 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 182 page
background image
80
INFRARED INTERFACE
The
infrared
interface
provides
a
two-way
wireless communications port using infrared as
a
transmission
medium.
Two
IR
implementations have been provided for the
second UART in this chip (logical device 5),
IrDA and Amplitude Shift Keyed IR.
The IR
transmission can use the standard UART2
TXD2 and RXD2 pins or optional IRTX and
IRRX pins. These can be selected through the
configuration registers.
IrDA allows serial communication at baud rates
up to 115.2 Kbps.
Each word is sent serially
beginning with a zero value start bit. A zero is
signaled by sending a single IR pulse at the
beginning of the serial bit time.
A one is
signaled by sending no IR pulse during the bit
time.
Please refer to the AC timing for the
parameters of these pulses and the IrDA
waveform.
The Amplitude Shift Keyed IR allows serial
communication at baud rates up to 19.2K Baud.
Each word is sent serially beginning with a zero
value
start
bit.
A
zero
is
signaled
by
sending a
500KHz
waveform
for
the
duration of the serial bit time. A one is signaled
by sending no transmission during the bit time.
Please refer to the AC timing for the parameters
of the ASK-IR waveform.
If the Half Duplex option is chosen, there is a
time-out when the direction of the transmission
is changed. This time-out starts at the last bit
transferred during a transmission and blocks the
receiver input until the timeout expires. If the
transmit buffer is loaded with more data before
the time-out expires, the timer is restarted after
the new byte is transmitted.
If data is loaded
into the transmit buffer while a character is
being received, the transmission will not start
until the time-out expires after the last receive
bit has been received. If the start bit of another
character is received during this time-out, the
timer is restarted after the new character is
received.
The
IR
half
duplex
time-out
is
programmable via CRF2 in Logical Device 5.
This
register
allows
the
time-out
to
be
programmed to any value between 0 and
10msec in 100usec increments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com